Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR350 Datasheet(PDF) 1 Page - International Rectifier

Part # MBR350
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR350 Datasheet(HTML) 1 Page - International Rectifier

  MBR350 Datasheet HTML 1Page - International Rectifier MBR350 Datasheet HTML 2Page - International Rectifier MBR350 Datasheet HTML 3Page - International Rectifier MBR350 Datasheet HTML 4Page - International Rectifier MBR350 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions in millimeters and inches
Outline C - 16
CASE STYLE AND DIMENSIONS
I
F(AV)
Rectangular
3.0
A
waveform
V
RRM
50/60
V
I
FSM
@ tp = 5 µs sine
460
A
V
F
@ 3 Apk, T
J
= 25°C
0.73
V
T
J
- 40 to 150
°C
Characteristics
Units
The MBR350, MBR360 axial leaded Schottky rectifier has
been optimized for very low forward voltage drop, with
moderate leakage. Typical applications are in switching
power supplies, converters, free-wheeling diodes, and
reverse battery protection.
Low profile, axial leaded outline
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/ Features
Major Ratings and Characteristics
SCHOTTKY RECTIFIER
3.0 Amp
MBR350
MBR360
Bulletin PD-20594 rev. B 03/03
1
www.irf.com
MBR350
MBR360


Similar Part No. - MBR350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Motorola, Inc
MBR350 MOTOROLA-MBR350 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
59Kb / 4P
Axial Lead Rectifiers
June, 2006 ??Rev. 6
logo
Vishay Siliconix
MBR350 VISHAY-MBR350 Datasheet
84Kb / 5P
Schottky Rectifier, 3 A
06-Nov-08
logo
Pan Jit International I...
MBR350 PANJIT-MBR350 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com