Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF6080C Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # STF6080C
Description  Guard ring for enhanced ruggedness and long term reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF6080C Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF6080C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF6080C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF6080C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF6080C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1764, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
STF6080C
Marking Diagram:
Where XXXXX is YYWWL
S
= Device Type
T
= Ultralow VF
F
= Package type
60
= Forward Current (60A)
80
= Reverse Voltage (80V)
C
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
STF6080C
ITO-220AB
(Pb-Free)
50pcs / tube
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
80
V
Average Forward Current
(per device)
IF(AV)
50% duty cycle @TC =85 °C
rectangular wave form
60
A
Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
300
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com