Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR360TR Datasheet(PDF) 3 Page - International Rectifier

Part # MBR360TR
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR360TR Datasheet(HTML) 3 Page - International Rectifier

  MBR360TR Datasheet HTML 1Page - International Rectifier MBR360TR Datasheet HTML 2Page - International Rectifier MBR360TR Datasheet HTML 3Page - International Rectifier MBR360TR Datasheet HTML 4Page - International Rectifier MBR360TR Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR350, MR360
Bulletin PD-20594 rev. B 03/03
3
www.irf.com
0.001
0.01
0.1
1
10
100
020
40
60
125˚C
25˚C
T = 150˚C
J
10
100
1000
0
40
80
120
160
T = 25˚C
J
Fig. 1 - Max. Forward Voltage Drop Characteristics
Forward Voltage Drop - V
FM
(V)
Reverse Voltage - V
R
(V)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage
Reverse Voltage - V
R
(V)
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Tj = 150˚C
Tj = 125˚C
Tj = 25˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com