Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6900IP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM6900IP
Description  PFC/PWM COMBO w/ INRUSH CURRENT CONTROL & SEPARATED PFCOVP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6900IP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM6900IP Datasheet HTML 1Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6900IP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CM6900
PFC/PWM COMBO w/ INRUSH CURRENT CONTROL & SEPARATED PFCOVP
2003/04/23
Preliminary Rev. 1.2
Champion Microelectronic Corporation
Page 2
APPLICATIONS
PIN CONFIGURATION
!
Desktop PC Power Supply
!
Internet Server Power Supply
!
IPC Power Supply
!
UPS
!
Battery Charger
!
DC Motor Power Supply
!
Monitor Power Supply
!
Telecom System Power Supply
!
Distributed Power
SOP-20 (S20) / PDIP-20 (P20)
Top View
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
IEAO
IAC
ISENSE
VRMS
INRUSHSTOPB
SS
VDC
RAM P1
VEAO
VFB
VFB2
VREF
VCCA
VDDD
PFCOUT
PW M OU T
VSSD
AGN D
RAM P2
DC ILIMIT
9
10
11
12
PIN DESCRIPTION
Operating Voltage
Pin No.
Symbol
Description
Min.
Typ.
Max.
Unit
1
IEAO
PFC transconductance current error amplifier output
0
4.25
V
2
IAC
PFC gain control reference input
0
1
mA
3
ISENSE
Current sense input to the PFC current limit comparator
-5
0.7
V
4
VRMS
Input for PFC RMS line voltage compensation
0
6
V
5
INRUSHSTO
PB
Inrush Current Control pin, It is low when Inrush current is high
or during the start-up condition and it is VCCA when Inrush
condition has been removed.
0
VCCA
V
6
SS
Connection point for the PWM soft start capacitor
0
VREF+0.7
V
7
VDC
PWM voltage feedback input
0
VREF+0.7
V
8
RAMP 1
(RTCT)
Oscillator timing node; timing set by RT CT
1.2
3.9
V
9
RAMP 2
(PWM RAMP)
When in current mode, this pin functions as the current sense
input; when in voltage mode, it is the PWM input from PFC
output (feed forward ramp).
0
VREF+0.7
V
10
DC ILIMIT
PWM current limit comparator input
0
1
V
11
AGND
Analog Ground
12
VSSD
Digital Ground
13
PWM OUT
PWM driver output
0
VDDD
V
14
PFC OUT
PFC driver output
0
VDDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com