Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHT050 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-RHT050
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHT050 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-RHT050 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHT050 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHT050 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHT050 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IEC
EIA
Dimensions
Dimension Description
Mark
Mark
Dimensions
Tolerance
Carrier tape width
W
W
18
-0.5/+1.0
(.709)
(-0.02/+.039)
Hold down tape width
W0
W4
11
min.
(.433)
Hold down tape
No protrusion
Top distance between tape edges
W2
W6
3
max.
(.118)
Sprocket hole position
W1
W5
9
-0.5/+0.75
(.354)
(-0.02/+0.03)
Sprocket hole diameter
D0
D0
4
±0.2
(.157)
(±.0078)
Abscissa to plane (straight lead)
H
H
18.5
±3.0
(.728)
(±.118)
Abscissa to plane (kinked lead)
H0
H0
16
±0.5
(.63)
(±.02)
Abscissa to top: MF-RHT050 ~ MF-RHT450
H1
H1
32.2
max.
(1.268)
Abscissa to top: MF-RHT650 ~ MF-RHT1300
H1
H1
45.0
max.
(1.837)
Overall width w/lead protrusion: MF-RHT050 ~ MF-RHT450
C1
42.5
max.
(1.673)
Overall width w/lead protrusion: MF-RHT650 ~ MF-RHT1300
C1
55.0
max.
(2.165)
Overall width w/o lead protrusion: MF-RHT050 ~ MF-RHT450
C2
42.5
max.
(1.673)
Overall width w/o lead protrusion: MF-RHT650 ~ MF-RHT1300
C2
54.0
max.
(2.126)
Lead protrusion
I1
L1
1.0
max.
(.039)
Protrusion of cutout
L
L
11
max.
(.433)
Protrusion beyond hold-down tape
I2
I2
Notspecified
Sprocket hole pitch
P0
P0
12.7
±0.3
(0.5)
(±.012)
Pitch tolerance
20 consecutive
±1
(±.039)
Device pitch: MF-RHT070 ~ MF-RHT450
12.7
±0.3
(0.5)
(±.012)
Device pitch: MF-RHT050 and MF-RHT650 ~ MF-RHT1300
25.4
±0.6
(1.0)
(±.024)
Tape thickness
t
t
0.9
max.
(.035)
Tape thickness with splice: MF-RHT050 ~ MF-RHT200
t1
1.5
max.
(.059)
Tape thickness with splice: MF-RHT450 ~ MF-RHT1300
t1
2.3
max.
(.091)
Splice sprocket hole alignment
4.0
±0.2
(.157)
(±.008)
Body lateral deviation
Δ
h
Δ
h
0
±1
(±.039)
Body tape plane deviation
Δ
p
Δ
p
0
±0.3
(±.012)
Ordinate to adjacent component lead
P1
P1
3.81
±0.07
(.015)
(±.028)
MF-RHTSeriesTapeandReelSpecifications
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Devices taped using EIA468–B/IEC60286-2 standards. See table below and Figures 1 and 2 for details.
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com