Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHT070 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-RHT070
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHT070 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-RHT070 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHT070 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHT070 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHT070 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
MF-RHTSeries-PTCResettableFuses
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Model
A
B
C
D
E
F
Physical Characteristics
Max.
Max.
Nom.
Tol. ±
Min.
Max.
Nom.
Style
Material
MF-RHT050
7.40
(0.291)
12.7
(0.500)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.51
(0.020)
3
Sn/CuFe
MF-RHT070
6.86
(0.27)
10.8
(0.425)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.51
(0.020)
1
Sn/CuFe
MF-RHT200
9.4
(0.37)
14.0
(0.55)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.51
(0.020)
3
Sn/Cu
MF-RHT450
10.4
(0.41)
15.6
(0.61)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.81
(0.032)
2
Sn/Cu
MF-RHT650
12.7
(0.50)
22.2
(0.88)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.81
(0.032)
2
Sn/Cu
MF-RHT750
14.0
(0.55)
23.5
(0.93)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.81
(0.032)
2
Sn/Cu
MF-RHT1300
23.5
(0.925)
28.7
(1.17)
10.2
(0.402)
0.7
(0.028)
7.6
(0.30)
3.6
(0.14)
1.0
(0.040)
2
Sn/Cu
Packaging:
BULK:
500 pcs. per bag
TAPE & REEL: MF-RHT050 ~ MF-RHT200 = 3000 pcs. per reel; MF-RHT450 ~ MF-RHT650 = 1500 pcs. per reel;
MF-RHT750 ~ MF-RHT1300 = 1000 pcs. per reel
AMMO-PACK: MF-RHT050 ~ MF-RHT200 = 2000 pcs. per pack; MF-RHT450 ~ MF-RHT750 = 1000 pcs. per pack;
MF-RHT1300 = 500 pcs. per pack
MF-RHT SERIES, REV. J, 09/16
Typical Time to Trip at 23 ˚C
Typical Part Marking
Represents total content. Layout may vary.
0.51 (24AWG)
0.81 (20AWG)
1.0 (18AWG)
Applications
n
Protectionofautomotivecircuitryincludingenginecontrolmodules
n
Overcurrentsurgeprotectionofelectronicequipmentrequiredtooperateathighoperatingtemperatureranges
n
Resettablefaultprotectionofgeneralelectronicequipment
A
E
B
D
C
E
Style 2
B
D
A
CF
Style 1
F
F
A
E
B
D
C
Style
RH750
4180S
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
COUNTRYOF
MANUFACTURE
(S=CHINA)
DATECODE
(FIRSTDIGIT=
LASTDIGITOFYEAR;
NEXTTHREEDIGITS=
DAYOFYEAR)
EXAMPLE:4180=2004DAY180
0.01
0.1
1
10
100
110
100
Fault Current (Amps)
MF-RHT070
MF-RHT200
MF-RHT450
MF-RHT1300
MF-RHT650
MF-RHT750
The Time to Trip curves represent
typical performance of a device in
a simulated application environment.
Actual performance in specific
customer applications may differ
from these values due to the
influence of other variables.
Also available
with kinked
and straight
leads in place
of standard
leads (see
How to Order).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com