Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHT450 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-RHT450
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHT450 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-RHT450 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHT450 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHT450 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHT450 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
CompliantwithAEC-Q200Rev-C-Stress
TestQualificationforPassiveComponents
inAutomotiveApplications
n
Operatingtemperaturerangeupto125°C
n
Lowthermalderatingfactor
n
Higherholdcurrentsatelevated
temperature
n
Choiceofoperatingcurrents
n
RoHScompliant*andhalogenfree**
n
Resettablefaultprotectionofgeneral
electronicequipment
MF-RHTSeries-PTCResettableFuses
*RoHSDirective2002/95/ECJan.27,2003including
annexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe
“halogenfree”if(a)theBromine(Br)contentis900
ppmorless;(b)theChlorine(Cl)contentis900ppm
orless;and(c)thetotalBromine(Br)andChlorine(Cl)
contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdata
sheetcananddovaryindifferentapplications
andactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheir
specificapplications.
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
RMin.
R1Max.
(Post Trip)
Max.
Typ.
MF-RHT050
30
40
0.5
0.92
0.48
1.10
2.5
2.5
0.9
MF-RHT070
16
40
0.7
1.4
0.3
0.8
3.5
4.0
1.4
MF-RHT200
16
100
2.0
3.8
0.045
0.110
12.5
3.0
1.4
MF-RHT450
16
100
4.5
7.8
0.022
0.054
22.5
3.0
3.6
MF-RHT650
16
100
6.5
12.0
0.011
0.026
32.5
5.5
4.3
MF-RHT750
16
100
7.5
13.1
0.0094
0.022
37.5
7.0
4.5
MF-RHT1300
16
100
13.0
24.0
0.0041
0.010
60.0
13.0
6.9
Environmental Characteristics
Operating Temperature......................................... -40 °C to +125 °C
Storage Temperature............................................ -40 °C to +85 °C
Passive Aging....................................................... +85 °C, 1000 hours............................................... ±15 % typical resistance change
Humidity Aging...................................................... +85 °C, 85 % R.H. 1000 hours ............................. ±15 % typical resistance change
Thermal Shock ..................................................... MIL-STD-202, Method 107, .................................. ±10 % typical resistance change
+125 °C to -40 °C,10 cycles
Vibration ............................................................... MIL-STD-883C, Method 2007.1, Condition A ....... No change
Test Procedures And Requirements For Model MF-RHT Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech.......................................................... Verify dimensions and materials........................... Per MF physical description
Resistance............................................................ In still air @ 23 °C................................................. Rmin ≤ R ≤ R1max
Time to Trip........................................................... At specified current, Vmax, 23 °C......................... T ≤ max. time to trip (seconds)
Hold Current ......................................................... 30 min. at Ihold ..................................................... No trip
Trip Cycle Life....................................................... Vmax, Imax, 100 cycles........................................ No arcing or burning
Trip Endurance..................................................... Vmax, 48 hours..................................................... No arcing or burning
Solderability.......................................................... MIL-STD-202, Method 208 ................................... 95 % min. coverage
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
125 °C
MF-RHT050
0.68
0.62
0.56
0.5
0.44
0.4
0.36
0.34
0.28
0.12
MF-RHT070
0.95
0.87
0.79
0.7
0.62
0.56
0.51
0.47
0.39
0.17
MF-RHT200
2.71
2.49
2.26
2.00
1.77
1.60
1.46
1.34
1.11
0.49
MF-RHT450
6.1
5.6
5.1
4.5
4.0
3.6
3.3
3.0
2.5
1.1
MF-RHT650
8.8
8.1
7.4
6.5
5.7
5.3
4.8
4.3
3.6
1.6
MF-RHT750
10.2
9.4
8.6
7.5
6.6
6.1
5.6
5.0
4.1
1.9
MF-RHT1300
17.7
16.3
14.8
13.0
11.4
10.5
9.6
8.6
7.2
3.3
RH750
4180S
How to Order
MF - RHT 750 - __ - 14
Multifuse® Product Designator
Series
RHT = High Temperature Radial Leaded Component
Hold Current, Ihold
050 - 1300 (0.70 - 13.00 Amps)
Packaging Options
- = Bulk Packaging
- 2 = Tape and Reel*
- AP = Ammo-Pak*
Part Number Suffix Option
- 14 = Kinked Leads in Place of Standard Straight Leads
- 17 = Straight Leads in Place of Standard Kinked Leads
*Packaged per EIA 486-B


Similar Part No. - MF-RHT450

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-RHT450 BOURNS-MF-RHT450 Datasheet
330Kb / 4P
PTC Resettable Fuses
MF-RHT450 BOURNS-MF-RHT450 Datasheet
292Kb / 4P
PTC Resettable Fuses
MF-RHT450 BOURNS-MF-RHT450 Datasheet
841Kb / 7P
High Temperature PTC Resettable Fuses
MF-RHT450 BOURNS-MF-RHT450 Datasheet
1,013Kb / 9P
MF-RHT Series - High Temperature PTC Resettable Fuses
REV. U, 05/25
MF-RHT450-2 BOURNS-MF-RHT450-2 Datasheet
330Kb / 4P
PTC Resettable Fuses
More results

Similar Description - MF-RHT450

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com