Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF2012AA Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRF2012AA
Description  Common Mode Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF2012AA Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRF2012AA Datasheet HTML 1Page - Bourns Electronic Solutions SRF2012AA Datasheet HTML 2Page - Bourns Electronic Solutions SRF2012AA Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
USER DIRECTION OF FEED
1.45 ± 0.1
(.057 ± .004)
0.24 ± 0.05
(.009 ± .002)
2.25 ± 0.1
(.089 ± .004)
1.5 + 0.1
(.059 + .004)
DIA.
1.1 + 0.1
(.043 + .004)
DIA.
A
A
1.50 ± 0.1
(.059 ± .004)
SECTION A-A
8.0 ± 0.1
(.315 ± .004)
1.75 ± 0.1
(.069 ± .004)
3.5 ± 0.05
(.138 ± .002)
4.0 ± 0.1
(.157 ± .004)
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.05
(.079 ± .002)
SRF0504 Series - Line Filter
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
QTY: 2000 PCS. PER REEL
0
8/15
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SRF2012AA Series - Common Mode Chip Inductors
9.0 ± 0.5
(.354 ± .020)
60 ± 2
(2.362 ± .079)
178 ± 2
(7.008 ± .079)
13.5 ± 0.5
(.531 ± .020)
DIA.
120 °
1.9
(.075)
R
13.5 ± 0.5
(.531 ± .020)
R
20.5
(.807)
0.5
(.020)
R
10.5
(.413)
R
1000
10000
100
10
1
0.1
1
10
100
Frequency (MHz)
SRF2012A-361YA
1000
10000
Common Mode
Normal Mode
Typical Impedance vs. Frequency Curves (Continued)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com