Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP5015TA-R15Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP5015TA-R15Y
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP5015TA-R15Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP5015TA-R15Y Datasheet HTML 1Page - Bourns Electronic Solutions SRP5015TA-R15Y Datasheet HTML 2Page - Bourns Electronic Solutions SRP5015TA-R15Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6.2
(.244)
5.7 ± 0.3
(.224 ± .012)
2.2
(.087)
2.8
(.110)
1.3 ± 0.2
(.051 ± .008)
5.2 ± 0.2
(.205 ± .008)
2.5 ± 0.3
(.098 ± .012)
1.1 ± 0.3
(.043 ± .012)
2R2
1150
Features
■
Shielded construction
■
Carbonyl powder core
■
High saturation current
■
Inductance range: 0.15 to 22 µH
■
AEC-Q200 qualified
■
RoHS compliant* and halogen free**
Applications
■
Automotive systems:
- Driver assistant
- Information
- Entertainment
- Lighting
■
DC/DC converters
■
Power supplies
SRP5015TA Series - Shielded Power Inductors
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Operating Temperature
................................-40 °C to +150 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Rated Current
............ Inductance drops 20 % at Isat
Temperature Rise .....40 °C at rated Irms
Electrical Specifications @ 25 °C
General Specifications
Core.............................Carbonyl powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 3500 pcs. per 13-inch reel
Materials
Product Dimensions
Schematic
How to Order
SRP5015TA - 100 M
Model
Value Code (see table)
Tolerance Code
Soldering Profile
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Bourns
Part Number
Inductance
@ 100 KHz
/ 1 V
Q (Min.)
@100 KHz
/ 1 V
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
Irms
(A)
Isat
(A)
Terminal
Type
L
(μH)
Tol.
(%)
SRP5015TA-R15Y
0.15
± 30
5
220
3.6
4.1
16
25
Lead
Frame
SRP5015TA-R20Y
0.20
± 30
5
180
3.8
4.2
15
22.5
SRP5015TA-R22Y
0.22
± 30
5
165
5
6.5
12
20
SRP5015TA-R33M
0.33
± 20
5
120
8.5
9.8
9
16
SRP5015TA-R47M
0.47
± 20
5
110
12
13.8
8
15
SRP5015TA-R68M
0.68
± 20
5
85
14
16.2
7
13
SRP5015TA-1R0M
1.0
± 20
10
75
22
25.3
6
9
SRP5015TA-1R5M
1.5
± 20
10
57
39
45
4.5
7
SRP5015TA-2R2M
2.2
± 20
10
48
45
52
4
6
SRP5015TA-3R3M
3.3
± 20
10
35
78
90
3.2
4.5
SRP5015TA-4R7M
4.7
± 20
10
29
103
118
2.7
4
SRP5015TA-5R6M
5.6
± 20
10
27
126
152
2.4
3.2
SRP5015TA-6R8M
6.8
± 20
10
24
142
171
2.3
3
SRP5015TA-8R2M
8.2
± 20
10
22
175
210
2.1
2.6
SRP5015TA-100M
10
± 20
10
21
210
235
2
2.3
SRP5015TA-220M
22
± 20
10
13
405
466
1.2
1.7
25
Time (Seconds)
Reflow Times: 3 Times Max.
Preheating
Soldering
Natural Cooling
217 °C
tp (245 °C, 20~40 Sec.)
200 °C
150°C
60~180
Sec.
480 Sec. Max.
60~150 Sec.
TP (260 °C / 10 Sec. Max.)
Lead Frame Terminal


Similar Part No. - SRP5015TA-R15Y

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SRP5000S DEC-SRP5000S Datasheet
218Kb / 1P
50 AMP HIGH FREQUENCY SOFT RECOVERY BUTTON DIODES
SRP5001S DEC-SRP5001S Datasheet
218Kb / 1P
50 AMP HIGH FREQUENCY SOFT RECOVERY BUTTON DIODES
SRP5002S DEC-SRP5002S Datasheet
218Kb / 1P
50 AMP HIGH FREQUENCY SOFT RECOVERY BUTTON DIODES
SRP5004S DEC-SRP5004S Datasheet
218Kb / 1P
50 AMP HIGH FREQUENCY SOFT RECOVERY BUTTON DIODES
SRP5006S DEC-SRP5006S Datasheet
218Kb / 1P
50 AMP HIGH FREQUENCY SOFT RECOVERY BUTTON DIODES
More results

Similar Description - SRP5015TA-R15Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com