Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP7028A-R15Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP7028A-R15Y
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP7028A-R15Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP7028A-R15Y Datasheet HTML 1Page - Bourns Electronic Solutions SRP7028A-R15Y Datasheet HTML 2Page - Bourns Electronic Solutions SRP7028A-R15Y Datasheet HTML 3Page - Bourns Electronic Solutions SRP7028A-R15Y Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Shielded construction
Carbonyl powder core
High saturation current
Inductance range: 0.10 to 33 µH
AEC-Q200 qualified
RoHS compliant* and halogen free**
Applications
Automotive systems:
- Driver assistant
- Information
- Entertainment
- Lighting
DC/DC converters
Power supplies
SRP7028A Series - Shielded Power Inductors
Test Voltage ....................................1.0 V
Test Frequency ......................... 100 KHz
Operating Temperature
................................-40 °C to +150 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Rated Current
............ Inductance drops 20 % at Isat
Temperature Rise .....40 °C at rated Irms
Resistance to Soldering Heat
........................ +260 °C, 40 sec. max.
Electrical Specifications @ 25 °C
General Specifications
Core.............................Carbonyl powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 1000 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
How to Order
SRP7028A - 100M
Model
Value Code (see table)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Schematic
Bourns
Part Number
Inductance
@ 100 KHz
/ 1 V
Q (Min.)
@100
KHz / 1 V
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
Irms
(A)
Isat
(A)
Terminal
Type
L
(μH)
Tol.
(%)
SRP7028A-R10M
0.10
± 20
5
300
1.2
1.7
32.5
60
Lead
Frame
SRP7028A-R15Y
0.15
± 30
5
220
1.5
1.9
27
45
SRP7028A-R22Y
0.22
± 30
5
150
2.1
2.8
23
40
SRP7028A-R33M
0.33
± 20
10
140
3.5
3.9
20
32
SRP7028A-R47M
0.47
± 20
10
80
4
4.2
17.5
26
SRP7028A-R56M
0.56
± 20
15
70
4.7
5.0
16.5
25.5
SRP7028A-R68M
0.68
± 20
15
67
4.8
5.5
15.5
25
SRP7028A-R75M
0.75
± 20
15
65
5.5
6.6
14.5
24.5
SRP7028A-R82M
0.82
± 20
15
61
6.7
8.0
13
24
SRP7028A-1R0M
1.0
± 20
20
58
8.3
10.0
11
22
SRP7028A-1R5M
1.5
± 20
20
38
13
15.0
9
18
SRP7028A-1R8M
1.8
± 20
20
36
14
17.0
8.5
16
SRP7028A-2R2M
2.2
± 20
20
32
18
20.0
8
14
SRP7028A-2R5M
2.5
± 20
20
30
20
22.0
7
13
SRP7028A-3R3M
3.3
± 20
20
25
28
30.0
6
12
SRP7028A-4R7M
4.7
± 20
20
21
37
40.0
5.5
10
SRP7028A-5R6M
5.6
± 20
20
19
43
48.0
5
9
SRP7028A-6R8M
6.8
± 20
20
18
54
60.0
4.5
8
SRP7028A-8R2M
8.2
± 20
20
17
64
68.0
4
7.5
SRP7028A-100M
10
± 20
20
14
75
85.0
3.5
6
SRP7028A-150M
15
± 20
20
12
107
123.0
3.0
4
SRP7028A-220M
22
± 20
20
10
165
190.0
2.0
3.5
SRP7028A-330M
33
± 20
20
8
200
240.0
2.0
2.5
Soldering Profile
8.4
(.331)
7.3 ± 0.3
(.287 ± .012)
2.5
(.098)
3.5
(.138)
6.6 ± 0.3
(.260 ± .012)
2.8 ± 0.2
(.110 + .008)
3.0 ± 0.3
(.118 ± .012)
1.8 ± 0.3
(.071 ± .012)
2R2
1150
1R01250
Max. Peak Temperature 260
40 sec. max.
Max. Time Above 217
:
60~150 sec. max.
Peak Temperature
260
max.
25
Time (Seconds)
Reflow Times: 3 Times Max.
Preheating
Soldering
Natural Cooling
217 °C
Peak Temperature (260 °C, 40 Sec. Max.)
200 °C
150°C
60~180
Sec.
480 Sec. Max.
60~150 Sec.
20~40 Sec.
Please consult Bourns® Model SRP-A
Series Visual Inspection Guide for detailed
construction, processing and testing
information.
Lead Frame Terminal


Similar Part No. - SRP7028A-R15Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP7028A-R15Y BOURNS-SRP7028A-R15Y Datasheet
403Kb / 4P
Shielded Power Inductors
More results

Similar Description - SRP7028A-R15Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com