Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFWS455C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFWS455C
Description  CERAMIC FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CFWS455C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFWS455C Datasheet HTML 1Page - List of Unclassifed Manufacturers CFWS455C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
08 Jun 1998
Model
6dB
Attenuation Attenuation Insertion
Input/Output
Number
Bandwidth Bandwidth
±100kHz
Loss
Impedance
(kHz) min
(kHz@dB)
(dB) min
(dB) max
(ohms)
Model
6dB
Attenuation Attenuation Insertion
Input/Output
Number
Bandwidth Bandwidth
±100kHz
Loss
Impedance
(kHz) min
(kHz@dB)
(dB) min
(dB) max
(ohms)
Ceramic Filters
CFU & CFW
ACTUAL SIZE
8.00
8.00
4.00
0.20
3.30
4.30
2.70
1.20
OUT
IN
GND
0.80
0.60
7.00
ACTUAL SIZE
6.50
6.30
3.50
0.15
1.50
4.30
2.60
0.70
OUT
IN
GND
2.50
0.70
0.50
6.50
ACTUAL SIZE
11.00
8.50
4.00
0.20
2.30
4.30
2.90
1.20
OUT
IN
GND
2.90
2.60
0.80
0.60
7.00
ACTUAL SIZE
9.50
6.30
3.50
0.15
1.60
4.30
OUT
IN
GND
0.90
2.80
2.70
2.50
0.70
0.50
6.50
Scale 2:1
Scale 2:1
Scale 2:1
Scale 2:1
CFU Dimensions
CFUM Dimensions
CFWS Dimensions
CFWM Dimensions
CFU & CFWS Specifications
CFUM & CFWM Specifications
CFU455B2
±15.00
±30.00 40
27
4
1500
CFU455C2
±12.50
±24.00 40
27
4
1500
CFU455D2
±10.00
±20.00 40
27
4
1500
CFU455E2
±7.50
±15.00 40
27
6
1500
CFU455F2
±6.00
±12.50 40
27
6
2000
CFU455G2
±4.50
±10.00 40
25
6
2000
CFU455HT
±3.00
±9.00 40
35
6
2000
CFU455IT
±2.00
±7.50 40
35
6
2000
CFWS455B
±15.00
±30.00 50
35
4
1500
CFWS455C
±12.50
±24.00 50
35
4
1500
CFWS455D
±10.00
±20.00 50
35
4
1500
CFWS455E
±7.50
±15.00 50
35
6
1500
CFWS455F
±6.00
±12.50 50
35
6
2000
CFWS455G
±4.50
±10.00 50
35
6
2000
CFWS455HT
±3.00
±9.00 50
60
6
2000
CFWS455IT
±2.00
±7.50 50
60
7
2000
CFUM455B
±15.00
±30.00 40
27
4
1500
CFUM455C
±12.50
±24.00 40
27
4
1500
CFUM455D
±10.00
±20.00 40
27
4
1500
CFUM455E
±7.50
±15.00 40
27
6
1500
CFUM455F
±6.00
±12.50 40
27
6
2000
CFUM455G
±4.50
±10.00 40
25
6
2000
CFUM455H
±3.00
±9.00 40
35
6
2000
CFUM455I
±2.00
±7.50 40
35
7
2000
CFWM455B
±15.00
±30.00 50
35
4
1500
CFWM455C
±12.50
±24.00 50
35
4
1500
CFWM455D
±10.00
±20.00 50
35
4
1500
CFWM455E
±7.50
±15.00 50
35
6
1500
CFWM455F
±6.00
±12.50 50
35
6
2000
CFWM455G
±4.50
±10.00 50
35
6
2000
CFWM455H
±3.00
±9.00 50
55
6
2000
CFWM455I
±2.00
±7.50 50
55
7
2000


Similar Part No. - CFWS455C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CFWS455C MURATA-CFWS455C Datasheet
86Kb / 1P
Resin Molded, High Selectivity Low Profile Type Ceramic Filter (6-Element)
More results

Similar Description - CFWS455C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SAFC162MC70N MURATA-SAFC162MC70N Datasheet
150Kb / 5P
CERAMIC MICROWAVE FILTERS SAW FILTERS
logo
TOKO, Inc
CFM2 TOKO-CFM2 Datasheet
96Kb / 1P
AM CERAMIC FILTERS
CFMM2 TOKO-CFMM2 Datasheet
118Kb / 1P
AM CERAMIC FILTERS
CFMR TOKO-CFMR Datasheet
95Kb / 1P
AM CERAMIC FILTERS
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
FM CERAMIC FILTERS
logo
EUROQUARTZ limited
L10.7 EUROQUARTZ-L10.7 Datasheet
45Kb / 1P
CERAMIC FILTERS
LPB-J EUROQUARTZ-LPB-J Datasheet
50Kb / 1P
CERAMIC FILTERS
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
CERAMIC FILTERS
LPU-B EUROQUARTZ-LPU-B Datasheet
53Kb / 1P
CERAMIC FILTERS
LZU450C EUROQUARTZ-LZU450C Datasheet
35Kb / 1P
CERAMIC FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com