Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC Datasheet(PDF) 2 Page - XP Power Limited

Part # MTC
Description  35150 Watts Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MTC Datasheet(HTML) 2 Page - XP Power Limited

  MTC Datasheet HTML 1Page - XP Power Limited MTC Datasheet HTML 2Page - XP Power Limited MTC Datasheet HTML 3Page - XP Power Limited MTC Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MTC35/50
Models and Ratings
Output Power
Output Voltage
Output Current
Input Current(1)
Efficiency(1)
Model Number
No Load
Full Load
35 W
3.3 VDC
10.00 A
100 mA
1.49 A
84%
MTC3528S3V3
35 W
5.0 VDC
7.00 A
100 mA
1.45 A
86%
MTC3528S05
35 W
12.0 VDC
2.90 A
100 mA
1.41 A
88%
MTC3528S12
35 W
15.0 VDC
2.30 A
100 mA
1.40 A
88%
MTC3528S15
35 W
28.0 VDC
1.30 A
100 mA
1.48 A
88%
MTC3528S28
50 W
3.3 VDC
15.00 A
100 mA
2.18 A
82%
MTC5028S3V3
50 W
5.0 VDC
10.00 A
60 mA
2.15 A
83%
MTC5028S05
50 W
12.0 VDC
4.20 A
70 mA
2.13 A
84%
MTC5028S12
50 W
15.0 VDC
3.33 A
70 mA
2.13 A
84%
MTC5028S15
50 W
28.0 VDC
1.80 A
120 mA
2.15 A
83%
MTC5028S28
10
9
8
7
1
2
3
4
5
6
11
2.00 (50.80)
0.17 (4.50)
1.10
(27.9)
0.50
(12.7)
7 x ø 0.031
(0.80)
ø 0.039
(1.00) pins 1, 2, 9 & 10
0.28
(7.11)
0.11 (2.79)
0.11
(2.79)
0.10
(2.54)
0.12
(3.05)
0.10
(2.54)
0.10
(2.54)
0.14
(3.56)
0.14
(3.56)
0.14
(3.56)
2 x Mounting holes ø 0.102 (2.60)
0.35
(8.89)
0.17
(4.50)
0.75
(18.9)
0.12 (3.05)
1.76 (44.70)
1.65 (41.80)
Bottom View
Pin Connections
Pin
Single Output
Pin
Single Output
1
+Vin
7
Trim
2
-Vin
8
-Sense
3
Thermal Warning (TW)
9
-Vout
4
Synchronization
10
+Vout
5
Remote On/Off
11
+Sense
6
Case
1. Dimensions are in inches (mm)
2. Tolerance: ±0.02 inches (±0.5 mm)
3. Weight: 0.07 lb (35 g) approx
4. Materials & Finish:
Pin - Material:
Copper
Finish:
Nickel plated 2.5 µm Ni and
gold plated 0.3 µm Au.
Mounting Hole Diameter - 0.10 (2.7) clearance hole
Baseplate - Material:
Aluminium
Case - Material:
Non-conductive plastic
Mechanical Details
MTC35
MTC50
Notes
1. Typical and measured at 28 V input
2. Total of voltage trim and remote sense is +10% max.
Notes
Notes
2.28 (58.00)
1.86 (47.20)
Bottom View
11
10
9
8
7
1
2
3
4
5
6
2.00 (50.80)
0.30
(7.62)
0.60
(15.24)
0.30
(7.62)
0.12
(3.05)
0.48
(12.19)
0.14
(3.56)
1.03
(26.20)
1.45
(36.80)
0.50
(12.70)
0.18 min.
(4.60)
2 x ø 0.059
(1.50)
9 x ø 0.040
(1.02)
4 x Mounting holes
ø 0.122 (3.1)
0.06
(1.53)
Pin Connections
Pin
Single Output
Pin
Single Output
1
+Vin
7
-Vout
2
Remote On/Off
8
-Sense
3
Synchronization
9
Trim
4
Thermal Warning (TW)
10
+Sense
5
-Vin
11
+Vout
6
Case
1. Dimensions are in inches (mm)
2. Tolerance: ±0.02 inches (±0.5 mm)
3. Weight: 0.14 lb (62 g) approx
4. Materials & Finish:
Pin - Material: Copper
Finish: Nickel plated 2.5 µm Ni and gold plated
0.3 µm Au.
Mounting Hole Diameter - 0.126 (3.2)
clearance hole
Baseplate - Material: Aluminium
Case - Material: Non-conductive plastic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com