Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFWS455G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFWS455G
Description  CERAMIC FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CFWS455G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFWS455G Datasheet HTML 1Page - List of Unclassifed Manufacturers CFWS455G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
08 Jun 1998
SM Ceramic Filters
CFUCG & SFGCG
CFU & CFW Flat Group Delay Models
CFUM & CFWM Flat Group Delay Models
Model
6dB
Attenuation Attenuation Insertion
Input/Output
Number
Bandwidth
Bandwidth
±100kHz
Loss
Impedance
(kHz) min
(kHz@dB)
(dB) min
(dB) max
(ohms)
Surface Mount Ceramic Filters
6.30
(max)
7.50
(max)
4.00
4.00
(max)
6.80
(max)
Model
6dB
Attenuation Attenuation Insertion
Input/Output
Number
Bandwidth Bandwidth
±100kHz
Loss
Impedance
(kHz) min
(kHz@dB)
(dB) min
(dB) max
(ohms)
Model
6dB
Attenuation Attenuation Insertion
Input/Output
Number
Bandwidth Bandwidth
±100kHz
Loss
Impedance
(kHz) min
(kHz@dB)
(dB) min
(dB) max
(ohms)
CFUCG
CFUCG_X
Narrow band
Flat group delay
SFGCG
Model
6dB
Attenuation Attenuation Insertion
Input/Output
Number
Bandwidth Bandwidth
±100kHz
Loss
Impedance
(kHz) min
(kHz@dB)
(dB) min
(dB) max
(ohms)
Model number
eg: CFUCG455D
SFGCG455DX
Suffix -TC denotes T&R (450pcs per reel)
eg: CFUCG455D-TC
Ordering Information
i
Types with centre frequency 450kHz also available
For safety purposes, connect the output of filters to the IF
amplifier through a DC blocking capacitor. Avoid applying
a direct current to the output of ceramic filters
CFUM455BY
±15.00
±35.00 40
25
5
1500
CFUM455CY
±12.50
±30.00 40
25
6
1500
CFUM455DY
±10.00
±25.00 40
23
7
1500
CFUM455EY
±7.50
±20.00 40
23
8
1500
CFUM455FY
±6.00
±17.50 40
23
9
2000
CFUM455GY
±4.50
±15.00 40
23
10
2000
CFWM455BY
±15.00
±35.00 50
40
6
1500
CFWM455CY
±12.50
±30.00 50
40
7
1500
CFWM455DY
±10.00
±25.00 50
40
8
1500
CFWM455EY
±7.50
±20.00 50
40
9
1500
CFWM455FY
±6.00
±17.50 50
40
10
2000
CFWM455GY
±4.50
±15.00 50
40
11
2000
Model
6dB
Attenuation Attenuation Insertion
Input/Output
Number
Bandwidth Bandwidth
±100kHz
Loss
Impedance
(kHz) min
(kHz@dB)
(dB) min
(dB) max
(ohms)
CFUS455BY
±15.00
±35.00 40
25
5
1500
CFUS455CY
±12.50
±30.00 40
25
6
1500
CFUS455DY
±10.00
±25.00 40
23
7
1500
CFUS455EY
±7.50
±20.00 40
23
8
1500
CFUS455FY
±6.00
±17.50 40
23
9
2000
CFUS455GY
±4.50
±15.00 40
23
10
2000
CFWS455BY
±15.00
±35.00 50
40
6
1500
CFWS455CY
±12.50
±30.00 50
40
7
1500
CFWS455DY
±10.00
±25.00 50
40
8
1500
CFWS455EY
±7.50
±20.00 50
40
9
1500
CFWS455FY
±6.00
±17.50 50
40
10
2000
CFWS455GY
±4.50
±15.00 50
40
11
2000
CFUCG455D
±10.00
±20.00 40
27
4
1500
CFUCG455E
±7.50
±15.00 40
27
6
1500
CFUCG455F
±6.00
±12.50 40
27
6
1500
CFUCG455G
±4.50
±10.00 40
25
6
1500
CFUCG455EX
±7.50
±17.50 40
27
6
1500
CFUCG455FX
±6.00
±15.00 40
27
6
1500
CFUCG455GX
±4.50
±12.50 40
25
6
1500
CFUCG455HX
±3.00
±10.00 40
25
7
1500
SFGCG455AX ±17.50
±40.00 40
25
4
1000
SFGCG455BX
±15.00
±35.00 40
25
5
1000
SFGCG455CX
±12.50
±30.00 40
25
6
1000
SFGCG455DX ±10.00
±25.00 40
23
7
1500
SFGCG455EX
±7.50
±20.00 40
23
8
1500



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com