Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2618 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2618
Description  400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2618 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2618 Datasheet HTML 1Page - National Semiconductor (TI) LM2618 Datasheet HTML 2Page - National Semiconductor (TI) LM2618 Datasheet HTML 3Page - National Semiconductor (TI) LM2618 Datasheet HTML 4Page - National Semiconductor (TI) LM2618 Datasheet HTML 5Page - National Semiconductor (TI) LM2618 Datasheet HTML 6Page - National Semiconductor (TI) LM2618 Datasheet HTML 7Page - National Semiconductor (TI) LM2618 Datasheet HTML 8Page - National Semiconductor (TI) LM2618 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Connection Diagrams
micro SMD package
20036404
TOP VIEW
20036405
BOTTOM VIEW
Ordering Information
Order Number
Package Type
NSC Package
Marking(*)
Supplied As
10-Pin micro SMD
LM2618ATL
10-bump Wafer Level Chip Scale
(micro SMD)
XYTT IS55A
250 Units, Tape and Reel
LM2618BTL
XYTT IS55B
250 Units, Tape and Reel
LM2618ATLX
XYTT IS55A
3000 Units, Tape and Reel
LM2618BTLX
XYTT IS55B
3000 Units, Tape and Reel
(*) XY - denotes the date code marking (2 digit) in production
(*) TT - refers to die run/lot traceability for production
(*) I - pin one indication
(*) S - Product line designator
Note that Package Marking may change over the course of production
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com