Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C192N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C192N
Description  Synchronous 4-Bit Up/Down Decade Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C192N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C192N Datasheet HTML 1Page - National Semiconductor (TI) MM54C192N Datasheet HTML 2Page - National Semiconductor (TI) MM54C192N Datasheet HTML 3Page - National Semiconductor (TI) MM54C192N Datasheet HTML 4Page - National Semiconductor (TI) MM54C192N Datasheet HTML 5Page - National Semiconductor (TI) MM54C192N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5901
February 1988
MM54C192MM74C192
Synchronous 4-Bit UpDown Decade Counter
MM54C193MM74C193
Synchronous 4-Bit UpDown Binary Counter
General Description
These updown counters are monolithic complementary
MOS (CMOS) integrated circuits
The MM54C192 and
MM74C192 are BCD counters while the MM54C193 and
MM74C193 are binary counters
Counting up and counting down is performed by two count
inputs one being held high while the other is clocked The
outputs change on the positive-going transition of this clock
These counters feature preset inputs that are set when load
is a logical ‘‘0’’ and a clear which forces all outputs to ‘‘0’’
when it is at a logical ‘‘1’’ The counters also have carry and
borrow outputs so that they can be cascaded using no ex-
ternal circuitry
Features
Y
High noise margin
1V guaranteed
Y
Tenth power TTL compatible
Drive 2 LPTTL loads
Y
Wide supply range
3V to 15V
Y
Carry and borrow outputs for N-bit cascading
Y
Asynchronous clear
Y
High noise immunity
045 VCC (typ)
Connection Diagram
Dual-In-Line Package
TLF5901 – 1
Top View
Order Number MM54C192 MM74C192
MM54C193 or MM74C193
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C192N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C195 NSC-MM54C195 Datasheet
127Kb / 6P
4-Bit Registers
MM54C195J NSC-MM54C195J Datasheet
127Kb / 6P
4-Bit Registers
MM54C195N NSC-MM54C195N Datasheet
127Kb / 6P
4-Bit Registers
More results

Similar Description - MM54C192N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40192B PHILIPS-HEF40192B Datasheet
129Kb / 9P
4-bit up/down decade counter
January 1995
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
Synchronous UP/Down Decade,4-bit binary Counter
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
SYNCHRONOUS UP/DOWN DECADE COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com