Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS3441 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS3441
Description  Non-isolated Buck Offline LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3441 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS3441 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3441 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3441 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3441 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3441 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3441 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3441 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3441 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS3441 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/10
WS3441 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Absolute Maximum Ratings
symbol
paramete
Range
unit
VDS
Internal HV MOSFET drain voltage
-0.3~500
V
ICC_MAX
VCC pin maximum sink current
2.5
mA
VROVP
Over-voltage setting pin voltage
-0.3~7
V
VSOURCE
Internal HV MOSFET source voltage
-0.3~8
V
VCS
Current sense pin input voltage
-0.3~7
V
PDMAX
Power dissipation SOP8
0.6
W
PDMAX
Power dissipation DIP7
0.9
W
TJ
Operating junction temperature
165
℃
TSTG
Storage temperature range
-55~165
℃
Note : Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com