Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVAV3 Datasheet(PDF) 2 Page - MMD Components

Part # MVAV3
Description  Industry Standard Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVAV3 Datasheet(HTML) 2 Page - MMD Components

  MVAV3 Datasheet HTML 1Page - MMD Components MVAV3 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL DIMENSIONS: 5A OPTION
20.70 [.815]
MAX
13.10 [.516]
MAX
15.24 [.600]
7.62 [.300]
1
14
8
7
5.08 [.200]
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
Black Dot to Denote Pin 1
8.50 [.335]
MAX
9
2.54 [.100]
.46 [.018]
OUTPUT
SUPPLY VOLTAGE
COMPL. OUTPUT
PIN 9
PIN 14
PIN 8
5A PACKAGE OPTION
PIN 7
CASE GROUND
PIN 1
VOLTAGE CONTROL
MECHANICAL DIMENSIONS: 6A OPTION
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
13.10 [.516]
MAX
8.50 [.335]
MAX
.46 [.018]
Black Dot to Denote Pin 1
20.70 [.815]
MAX
5.08 [.200]
7.62 [.300]
PIN 14
PIN 8
PIN 12
5.08 [.200]
7
1
3
COMPL. OUTPUT
SUPPLY VOLTAGE
OUTPUT
PIN 1
PIN 3
PIN 7
15.24 [.600]
8
14
12
ENABLE/DISABLE
CONTROL VOLTAGE
OUTPUT
6A PACKAGE OPTION
ENABLE/DISABLE OPTION
LOGIC 1 = OSCILLATOR
LOGIC 0 OR GND = NO OSCILLATOR
ENVIRONMENT / MECHANICAL:
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-883, Method 215
Vibration
MIL-STD-883, Method 2007, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Fine Leak Test
MIL-STD-883, Method 1014, Condition A-2
TAPE and DIMENSIONS:
PHASE NOISE:
Line 1 =MXXXXX
M = MMD COMPONENTS
XXXXX = Frequency in MHZ
Line 2 = SYYMML
S = Internal Code
YYMM = 4 Digit Date Code (Year / Month)
L = Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
PHASE NOISE PLOT
COMING SOON
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Specifications subject to change without notice
Revision MVAP032907C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com