Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVQIL2 Datasheet(PDF) 1 Page - MMD Components

Part # MVQIL2
Description  User Selectable Up to Two Frequencies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVQIL2 Datasheet(HTML) 1 Page - MMD Components

  MVQIL2 Datasheet HTML 1Page - MMD Components MVQIL2 Datasheet HTML 2Page - MMD Components MVQIL2 Datasheet HTML 3Page - MMD Components MVQIL2 Datasheet HTML 4Page - MMD Components MVQIL2 Datasheet HTML 5Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
06/11/14 D
Subject to change without notice
Pg 1 of 5
Revision:
M
MV
VQ
QII S
Se
erriie
ess 5
5X
X7
7 C
Ce
erra
am
miicc S
SM
MD
D V
VC
CX
XO
O
 User Selectable Up to Two Frequencies
 LVDS, LVPECL OR CMOS
 6 Pad Standard Package
 OneClock 
Frequency Range CMOS
10MHZ to 250MHZ
Frequency Range LVDS & LVPECL
50.000MHZ to 1.50GHZ
Temperature Stability*
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Aging (+25°C ±3°C)
±5ppm for first year
Waveform
LVPECL
CMOS
LVDS
Supply Voltage ±5% (Vdd)
+2.50 VDC
+3.30 VDC
+2.50 VDC
+3.30 VDC
+2.50 VDC
+3.30 VDC
Supply Current
54mA typ
20mA typ
25mA typ
23mA typ
Load
50Ω
15pF
10 TTL
Gates or
30pF
100Ω
Vol
.800V typ
1.60V typ
10% Vdd max
1.1V typ
0.9V typ
Voh
1.55V typ
2.35V typ
90% Vdd min
1.5V typ
1.6V typ
Differential Voltage
.400V typ
.450V typ
Rise/Fall Time (10% to 90% of Supply Voltage)
0.6nSec max
4nSec
0.6nSec max
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Start-up Time
10mSec max
Period Jitter (RMS)
<2.5pSec
Tri-State Operation (Single Frequency Output only)
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
Control Voltage (Vc)
1.25 VDC
±1.00 VDC
1.65 VDC
±1.50 VDC
1.25 VDC
±1.00 VDC
1.65 VDC
±1.50 VDC
1.25 VDC
±1.00 VDC
1.65 VDC
±1.50 VDC
Pullability
±100ppm
Linearity
10%
Tristate Current Consumption (Disabled)
16mA
Absolute Maximum Voltage (Vdd)
4.20 Volts DC
* Inclusive of Temperature., Load and Voltage
.750V typ
Phase Jitter (12KHZ to 20MHZ)
<1.0pSec typ


Similar Part No. - MVQIL2

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVQI MMD-MVQI Datasheet
256Kb / 5P
5X7 Ceramic SMD VCXO
MVQIV3 MMD-MVQIV3 Datasheet
256Kb / 5P
User Selectable Up to Two Frequencies
MVQI MMD-MVQI_12 Datasheet
256Kb / 5P
5X7 Ceramic SMD VCXO
More results

Similar Description - MVQIL2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_14 Datasheet
448Kb / 14P
User-selectable Internal Organization
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
Generates up to two independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
Generates up to two independent output frequencies
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
Generates up to two independent output frequencies
logo
MMD Components
MQQIC2 MMD-MQQIC2 Datasheet
245Kb / 5P
User Selectable Up to Four Frequencies
MVQIV3 MMD-MVQIV3 Datasheet
256Kb / 5P
User Selectable Up to Two Frequencies
logo
Silicon Laboratories
SI512-13 SILABS-SI512-13 Datasheet
1Mb / 20P
Two selectable output frequencies
logo
IQD Frequency Products ...
IQXO-90 IQD-IQXO-90 Datasheet
177Kb / 3P
Selectable output frequencies (Up to 4)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com