Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2270CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2270CS
Description  70MHz/1mA Current Mode Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2270CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2270CS Datasheet HTML 1Page - Intersil Corporation EL2270CS Datasheet HTML 2Page - Intersil Corporation EL2270CS Datasheet HTML 3Page - Intersil Corporation EL2270CS Datasheet HTML 4Page - Intersil Corporation EL2270CS Datasheet HTML 5Page - Intersil Corporation EL2270CS Datasheet HTML 6Page - Intersil Corporation EL2270CS Datasheet HTML 7Page - Intersil Corporation EL2270CS Datasheet HTML 8Page - Intersil Corporation EL2270CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7053.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © 2002 Elantec Semiconductor, Inc. 2002-2004 Intersil Americas Inc. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2270
70MHz/1mA Current Mode Feedback
Amplifiers
The EL2270 is a dual current-feedback
operational amplifiers which achieves
a -3dB bandwidth of 70MHz at a gain
of +1 while consuming only 1mA of supply current per
amplifier. It will operate with dual supplies ranging from
±1.5V to ±6V, or from single supplies ranging from +3V to
+12V. In spite of its low supply current, the EL2270 can
output 55mA while swinging to ±4V on ±5V supplies. These
attributes make the EL2270 an excellent choice for low
power and/or low voltage cable-driver, HDSL, or RGB
applications.
For applications where board space is extremely critical. The
EL2270 is available in industry standard pinouts in SO
package.
For single and dual applications with disable, consider the
EL2176 (8-pin single) or EL2276 (14-pin dual). For higher
speed applications where power is still a concern, consider
the EL2180/EL2186 family which also comes in similar
single, dual, triple and quad configurations. The
EL2180/EL2186 family provides a -3dB bandwidth of
250MHz while consuming 3mA of supply current per
amplifier.
Features
• Dual topologies
• 1mA supply current (per amplifier)
• 70MHz -3dB bandwidth
• Low cost
• Single- and dual-supply operation down to ±1.5V
• 0.15%/0.15° diff. gain/diff. phase into 150
Ω
• 800V/µs slew rate
• Large output drive current - 55mA
• Also available with disable in single (EL2176) & dual
(EL2276)
• Higher speed EL2180/EL2186 family available
(3mA/250MHz) in single, dual, and quad
•
Pb-free available
Applications
• Low power/battery applications
• HDSL amplifiers
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters
Pinout
EL2270
(8-PIN SO)
TOP VIEW
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL2270CS
8-Pin SO
-
MDP0027
EL2270CS-T7
8-Pin SO
7”
MDP0027
EL2270CS-T13
8-Pin SO
13”
MDP0027
EL2270CSZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL2270CSZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL2270CSZ-
T13 (See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
July 13, 2004


Similar Part No. - EL2270CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2270CS ELANTEC-EL2270CS Datasheet
330Kb / 16P
70 MHz/1 mA Current Mode Feedback Amplifiers
logo
Intersil Corporation
EL2270CS INTERSIL-EL2270CS Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
EL2270CS-T13 INTERSIL-EL2270CS-T13 Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
EL2270CS-T7 INTERSIL-EL2270CS-T7 Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
More results

Similar Description - EL2270CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
70 MHz/1 mA Current Mode Feedback Amplifiers
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
250MHz/3mA Current Mode Feedback Amplifiers
November 14,2002
logo
Maxim Integrated Produc...
MAX4180 MAXIM-MAX4180 Datasheet
364Kb / 24P
Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2; 8/98
logo
Intersil Corporation
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
Dual 60MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com