Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1869F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ES1869F
Description  AudioDrive Solution Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES1869F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES1869F Datasheet HTML 1Page - List of Unclassifed Manufacturers ES1869F Datasheet HTML 2Page - List of Unclassifed Manufacturers ES1869F Datasheet HTML 3Page - List of Unclassifed Manufacturers ES1869F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESS Technology, Inc.
SAM0113-030601
1
ESS Technology, Inc.
ES1869
AudioDrive® Solution
Product Brief
DESCRIPTION
The ES1869
AudioDrive
® solution is a single, mixed-signal chip that
adds 16-bit stereo sound and FM music synthesis to personal
computers. It is compliant with the Microsoft
® PC 97 and PC 98
specifications and WHQL audio requirements. The ES1869
possesses an embedded microcontroller, an OPL3
™ superset
ESFMTM music synthesizer, a 16-bit stereo wave ADC and DAC, 16-
bit stereo music DAC, MPU-401 UART mode serial port, dual
game port, full plug-and-play support, CD-ROM IDE interface,
hardware master volume control, two serial port interfaces to
external DSP and external wavetable music synthesizer, I2S zoom
video interface, DMA control logic with FIFO, and ISA bus interface
logic. There are three stereo inputs (typically line, CD audio, and
auxiliary line) and a mono microphone input. This single chip can
be designed into a motherboard, and add-on card, or integrated
into other peripheral cards such as Fax/Modem, VGA, LAN, I/O,
etc.
The ES1869
AudioDrive solution can record, compress, and play
back voice, sound, and music with built-in mixer controls. It
supports full-duplex operation for simultaneous record and
playback, using two DMA channels. The
ESFM synthesizer has
extended capabilities within native mode operation, providing
superior sound and power-down capabilities. It is a register-
compatible superset to the OPL3 FM synthesizer.
The ES1869
AudioDrive solution supports the full ISA plug-and-
play standard. It provides plug-and-play configuration for logical
devices: audio,
ESFM synthesizer, game port, MPU-401, IDE CD-
ROM, MODEM, and an additional user-defined device. The MPU-
401 serial port is for interfacing to an external MIDI device.
The integrated 3D audio effects processor uses
Spatializer
®
VBX
™ technology, provided by Desper Products, Inc. a
subsidiary of Spatializer Audio Laboratories, Inc. This processor
expands the sound field emitted by two speakers to create a
resonant 3D sound environment.
The speakerphone application can be implemented either by
digital interface through the DSP serial port, or by analog interface
through Mono-In and Mono-Out.
A DSP serial interface in the ES1869 allows an external DSP to
take over ADC or DAC resources.
The ES1869
AudioDrive solution supports telegaming architecture
with headsets and includes data paths for host-based acoustic
echo cancellation processing.
Advanced power management features include suspend/resume
from disk or host-independent self-timed power-down and
automatic wake-up. The ES1869 is compliant with the ACPI
standard.
The ES1869 is available in an industry-standard 100-pin plastic
quad flat pack (PQFP) package.
FEATURES
• Single, high-performance, mixed-signal, 16-bit stereo VLSI chip
• High-quality, OPL3 superset ESFM music synthesizer
• IDE CD-ROM interface
• High-performance DMA supports demand transfer and F-type
• Integrated
Spatializer
® 3D VBX™ stereo audio effects
technology provided by Desper Products, Inc.
Plug and Play Features
• On-chip plug-and-play support for audio, joystick port, FM,
MODEM, MPU-401, CD-ROM, and a user-defined I/O device
• Software address mapping with software chip select, plus 3
DMA and 6 IRQ selections for motherboard implementation
• Internal configuration data for audio plug-and-play support
• Serial interface for plug-and-play resource EEPROM
Record and Playback Features
• Record, compress, and play back voice, sound, and music
• 16-bit stereo ADC and DAC
• Programmable independent sample rates from 4 kHz to
48.0 kHz for record and playback
• Full-duplex operation for simultaneous record and playback
• 2- and 3-button hardware volume control for up, down, and mute
Inputs and Outputs
• Stereo inputs for line-in, auxiliary A (CD audio), and auxiliary B,
and a mono input for microphone
• MPU-401 (UART mode) interface for wavetable synthesizers
and MIDI devices
• Integrated dual game port
• I2S zoom video port interface with a sample rate up to 48 kHz for
MPEG audio
• Serial port interface to external DSP (e.g., AT&T, TI, API, and
MWAVE)
• Separate mono input (MONO_IN) and mono output
(MONO_OUT) for telegaming
Mixer Features
• 7-channel mixer with stereo inputs for line, CD audio, auxiliary
line, music synthesizer, digital audio (wave files), and mono
inputs for microphone and speakerphone
• Programmable 6-bit logarithmic master volume control
Power
• Advanced power management with self-timed power-down,
automatic wake-up, and suspend/resume to and from disk
• Supports 3.3V or 5.0V operation
Compatibility
• Supports PC games and applications for SoundBlaster
™ and
SoundBlaster Pro
™
• Meets PC 97/PC 98 and WHQL specifications


Similar Part No. - ES1869F

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES1868 ESS-ES1868 Datasheet
362Kb / 4P
AudioDrive Solution Product Brief
ES1868F ESS-ES1868F Datasheet
362Kb / 4P
AudioDrive Solution Product Brief
More results

Similar Description - ES1869F

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES1868 ESS-ES1868 Datasheet
362Kb / 4P
AudioDrive Solution Product Brief
logo
List of Unclassifed Man...
ES1946 ETC-ES1946 Datasheet
86Kb / 4P
PCI AudioDrive Notebook Solution Product Brief
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
PCI AudioDrive Solution Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com