Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP716N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP716N
Description  OptiMOS??Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP716N Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP716N Datasheet HTML 1Page - Infineon Technologies AG BSP716N Datasheet HTML 2Page - Infineon Technologies AG BSP716N Datasheet HTML 3Page - Infineon Technologies AG BSP716N Datasheet HTML 4Page - Infineon Technologies AG BSP716N Datasheet HTML 5Page - Infineon Technologies AG BSP716N Datasheet HTML 6Page - Infineon Technologies AG BSP716N Datasheet HTML 7Page - Infineon Technologies AG BSP716N Datasheet HTML 8Page - Infineon Technologies AG BSP716N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSP716N
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance
junction - soldering point
R thJS
-
-
25
K/W
Thermal resistance
R thJA
minimal footprint
-
-
110
junction - ambient
6 cm
2 cooling area1)
-
-
70
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=250 µA
75
-
-
V
Gate threshold voltage
V GS(th)
V DS=Vgs V, I D=218 µA
0.8
1.4
1.80
Drain-source leakage current
I DSS
V DS=75 V, V GS=0 V,
T j=25 °C
-
-
0.1
mA
V DS=75 V, V GS=0 V,
T j=150 °C
-
-
10
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
-
10
nA
Drain-source on-state resistance
RDS(on)
V GS=10 V, I D=2.3 A
-
122
160
m
W
V GS=4.5 V, I D=2.2 A
-
138
180
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=1.8 A
5.71
-
S
Values
1) Device on 40mm x 40mm x 1.5mm epoxy PCB FR4 with 6cm² (one layer, 70µm thick) copper area for drain
connection. PCB is vertical in still air.
Rev 2.0
page 2
2013-04-04



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com