Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C01 Datasheet(PDF) 17 Page - ON Semiconductor

Part # CAT24C01
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C01 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CAT24C01 Datasheet HTML 13Page - ON Semiconductor CAT24C01 Datasheet HTML 14Page - ON Semiconductor CAT24C01 Datasheet HTML 15Page - ON Semiconductor CAT24C01 Datasheet HTML 16Page - ON Semiconductor CAT24C01 Datasheet HTML 17Page - ON Semiconductor CAT24C01 Datasheet HTML 18Page - ON Semiconductor CAT24C01 Datasheet HTML 19Page - ON Semiconductor CAT24C01 Datasheet HTML 20Page - ON Semiconductor CAT24C01 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16
www.onsemi.com
17
PACKAGE DIMENSIONS
US8
CASE 493−02
ISSUE B
DIM
A
MIN
MAX
MIN
MAX
INCHES
1.90
2.10
0.075
0.083
MILLIMETERS
B
2.20
2.40
0.087
0.094
C
0.60
0.90
0.024
0.035
D
0.17
0.25
0.007
0.010
F
0.20
0.35
0.008
0.014
G
0.50 BSC
0.020 BSC
H
0.40 REF
0.016 REF
J
0.10
0.18
0.004
0.007
K
0.00
0.10
0.000
0.004
L
3.00
3.20
0.118
0.126
M
0
6
0
6
N
5
10
5
10
P
0.23
0.34
0.010
0.013
R
0.23
0.33
0.009
0.013
S
0.37
0.47
0.015
0.019
U
0.60
0.80
0.024
0.031
V
0.12 BSC
0.005 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION “A” DOES NOT INCLUDE MOLD
FLASH, PROTRUSION OR GATE BURR.
MOLD FLASH. PROTRUSION AND GATE
BURR SHALL NOT EXCEED 0.140 MM
(0.0055”) PER SIDE.
4. DIMENSION “B” DOES NOT INCLUDE
INTER−LEAD FLASH OR PROTRUSION.
INTER−LEAD FLASH AND PROTRUSION
SHALL NOT E3XCEED 0.140 (0.0055”) PER
SIDE.
5. LEAD FINISH IS SOLDER PLATING WITH
THICKNESS OF 0.0076−0.0203 MM.
(300−800 “).
6. ALL TOLERANCE UNLESS OTHERWISE
SPECIFIED
±0.0508 (0.0002 “).
L
B
A
P
G
4
1
5
8
C
K
D
SEATING
J
S
R
U
DETAIL E
V
F
H
N
R 0.10 TYP
M
−Y−
−X−
−T−
DETAIL E
T
M
0.10 (0.004)
XY
T
0.10 (0.004)
__
__
__
__
PLANE
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
mm
inches
SCALE 8:1
3.8
0.15
0.50
0.0197
1.0
0.0394
0.30
0.012
1.8
0.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com