Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP372N Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP372N
Description  OptiMOS??Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP372N Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP372N Datasheet HTML 1Page - Infineon Technologies AG BSP372N Datasheet HTML 2Page - Infineon Technologies AG BSP372N Datasheet HTML 3Page - Infineon Technologies AG BSP372N Datasheet HTML 4Page - Infineon Technologies AG BSP372N Datasheet HTML 5Page - Infineon Technologies AG BSP372N Datasheet HTML 6Page - Infineon Technologies AG BSP372N Datasheet HTML 7Page - Infineon Technologies AG BSP372N Datasheet HTML 8Page - Infineon Technologies AG BSP372N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BSP372N
OptiMOS
™
Small-Signal-Transistor
Features
• N-channel
• Enhancement mode
• Logic Level (4.5V rated)
• Avalanche rated
• Qualified according to AEC Q101
• 100% lead-free; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T A=25 °C
1.8
A
T A=70 °C
1.5
Pulsed drain current
I D,pulse
T A=25 °C
7.2
Avalanche energy, single pulse
E AS
I D=1.8 A, R GS=25 W
33
mJ
Reverse diode dv /dt
dv /dt
I D=1.8 A, V DS=80 V,
di /dt =200 A/µs,
T j,max=150 °C
6
kV/µs
Gate source voltage
V GS
±20
V
Power dissipation
1)
P tot
T A=25 °C
W
Operating and storage temperature
T j, T stg
-55 ... 150
°C
ESD Class
JESD22-A114 -HBM
0 (<250V)
Soldering Temperature
260 °C
IEC climatic category; DIN IEC 68-1
55/150/56
Value
1.8
PG-SOT223
V
DS
100
V
R
DS(on),max
V
GS=10 V
0.23
W
V
GS=4.5 V
0.27
I
D
1.8
A
Product Summary
Type
Package
Tape and Reel
Marking
Halogen-Free
Packing
BSP372N
SOT223
H6327: 1000 pcs/ reel
BSP372N
Yes
Non dry
Rev 2.0
page 1
2013-04-03


Similar Part No. - BSP372N

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
BSP372N TECHPUBLIC-BSP372N Datasheet
1Mb / 4P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - BSP372N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO4410 INFINEON-BSO4410 Datasheet
110Kb / 8P
OptiMOS Small-Signal-Transistor
2001-09-06
BSO4822 INFINEON-BSO4822 Datasheet
100Kb / 8P
OptiMOS Small-Signal-Transistor
2002-01-28
BSD816SN INFINEON-BSD816SN Datasheet
227Kb / 9P
OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSL806N INFINEON-BSL806N Datasheet
241Kb / 9P
OptiMOS?? Small-Signal-Transistor
2010-03-29
BSS205N INFINEON-BSS205N Datasheet
271Kb / 9P
OptiMOS?? Small-Signal-Transistor
Rev 2.3 2010-03-25
BSS306N INFINEON-BSS306N Datasheet
271Kb / 9P
OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS316N INFINEON-BSS316N Datasheet
278Kb / 9P
OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS816NW INFINEON-BSS816NW Datasheet
234Kb / 9P
OptiMOS?? Small-Signal-Transistor
Rev 2.2 2009-02-11
BSL306N INFINEON-BSL306N_13 Datasheet
367Kb / 9P
OptiMOS?? Small-Signal-Transistor
Rev 2.4 2013-11-06
BSS123N INFINEON-BSS123N Datasheet
633Kb / 9P
OptiMOS??Small-Signal-Transistor
Rev 2.3 2012-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com