Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C32 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT24C32
Description  32-Kb I2C CMOS Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C32 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT24C32 Datasheet HTML 5Page - ON Semiconductor CAT24C32 Datasheet HTML 6Page - ON Semiconductor CAT24C32 Datasheet HTML 7Page - ON Semiconductor CAT24C32 Datasheet HTML 8Page - ON Semiconductor CAT24C32 Datasheet HTML 9Page - ON Semiconductor CAT24C32 Datasheet HTML 10Page - ON Semiconductor CAT24C32 Datasheet HTML 11Page - ON Semiconductor CAT24C32 Datasheet HTML 12Page - ON Semiconductor CAT24C32 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT24C32
www.onsemi.com
9
ORDERING INFORMATION
Device Order Number
Specific
Device
Marking
Package
Type
Temperature Range
Lead
Finish
Shipping
CAT24C32HU4I−GT3
C5U
UDFN8
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32HU4E−GT3
(Note 12)
C5U
UDFN8
E = Extended
(−40
°C to +125°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32C5ATR
2
WLCSP5
I = Industrial
(−40
°C to +85°C)
SnAgCu
Tape & Reel, 5,000 Units / Reel
CAT24C32C5CTR
P
WLCSP5 with
Die Coat
I = Industrial
(−40
°C to +85°C)
SnAgCu
Tape & Reel, 5,000 Units / Reel
CAT24C32C4CTR
B
WLCSP4 with
Die Coat
I = Industrial
(−40
°C to +85°C)
SnAg
Tape & Reel, 5,000 Units / Reel
CAT24C32LI−G
24C32F
PDIP−8
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tube, 50 Units / Tube
CAT24C32WI−G
24C32F
SOIC−8,
JEDEC
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tube, 100 Units / Tube
CAT24C32WI−GT3
24C32F
SOIC−8,
JEDEC
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32WE−GT3
(Note 12)
24C32F
SOIC−8,
JEDEC
E = Extended
(−40
°C to +125°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32YI−G
C32F
TSSOP−8
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tube, 100 Units / Tube
CAT24C32YI−GT3
C32F
TSSOP−8
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32YE−GT3
(Note 12)
C32F
TSSOP−8
E = Extended
(−40
°C to +125°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32USI−T3
(In Development)
TBD
US8
I = Industrial
(−40
°C to +85°C)
Matte−Tin
Tape & Reel, 3,000 Units / Reel
10. All packages are RoHS−compliant (Lead−free, Halogen−free).
11. The standard lead finish is NiPdAu.
12. Please contact your nearest ON Semiconductor Sales office for availability.
13. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
14. Caution: The EEPROM devices delivered in WLCSP must never be exposed to ultraviolet light. When exposed to ultraviolet light
the EEPROM cells lose their stored data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com