Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10DF1 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # 10DF1
Description  LOW FORWARD VOLTAGE DROP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

10DF1 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  10DF1 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 10DF1 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
s
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.33g
Rating
Symbol
10DF1
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Non-repetitive Peak Reverse Voltage
VRSM
200
V
Average Rectified Output Current
IO
1.0
Ta=25
°C
50Hz Half Sine
Wave Resistive Load
A
RMS Forward Current
IF(RMS)
1.57
A
Surge Forward Current
IFSM
40
50Hz Half Sine Wave,1cycle,
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
5
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 1.0A
-
-
1.05
V
Reverse Recovery Time
trr
Ta= 25
°C, IF=IR=10mA
200
ns
Thermal Resistance
Rth(j-a) Junction to Ambient
-
-
115
°C/W
FRD
Type :
Type :
Type :
Type :
10DF1
10DF1
10DF1
10DF1
FEATURES
* Miniature Size
* Super Fast Recovery
* Low Forward Voltage drop
* Low Power Loss, High Efficiency
* High Surge Capability
* 100 Volts thru 600 Volts Types Available
* 52mm Inside Tape Spacing Package Available


Similar Part No. - 10DF1

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
10DF1 NJSEMI-10DF1 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
More results

Similar Description - 10DF1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Sangdest Microelectroni...
DB151S SMC-DB151S Datasheet
142Kb / 4P
Low forward voltage drop
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
KBP4005G DYELEC-KBP4005G Datasheet
238Kb / 2P
Low forward voltage drop
logo
Unisonic Technologies
MGBR15L100CL-TA3-T UTC-MGBR15L100CL-TA3-T Datasheet
163Kb / 3P
Low forward voltage drop
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
Low forward voltage drop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com