Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHC-DN_SERIES Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AHC-DN_SERIES
Description  Din Rail Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AHC-DN_SERIES Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AHC-DN_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AHC-DN_SERIES Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_1
update : 2010.07.09
AC-DC Power Module
AHC DN SERIES
5 Watts
ELECTRICAL SPECIFICATIONS
Model No.
AHC-3.3S-DN
AHC-5S-DN
AHC-12S-DN
AHC-15S-DN
AHC-24S-DN
Max Output Wattage (W)
4.125W
5W
5W
5W
5.5W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
110 mA max. (115 VAC) / 70 mA max. (230 VAC)
Inrush Current (<2ms)
10 A max. (115 VAC) /20 A max. (230 VAC)
Input
Leakage Current
0.75 mA max.
Voltage (V.DC.)
3.3V
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
1250
1000
420
333
230
Line Regulation (LL-HL) (typ.)
±0.3%.
Load Regulation (5-100%) (typ.)
±0.5%.
Minimum Load
0%
Maximum Capacitive Load
470-23,000µF depending on model
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency
64%
66%
72%
72%
71%
Hold-up Time
15 ms min.
Output
Switching Frequency
132 kHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>360,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.38 x 3.11 x 1.692 Inches
( 35.0 x 79.0 x 43.0 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-2)
Weight
67 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL/cUL, CE, TUV
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
Din Rail Switching Power Supply
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output
Low Ripple and Noise
High Efficiency
CE, UL, Approval
2-Years Product Warranty
1.All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.


Similar Part No. - AHC-DN_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AHC-DN ARCH-AHC-DN Datasheet
204Kb / 2P
AC-DC Power Module
More results

Similar Description - AHC-DN_SERIES

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
DIN RAIL POWER SUPPLY
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
CliQ DIN Rail Power Supply
logo
Arch Electronics Corp.
ADF120 ARCH-ADF120 Datasheet
164Kb / 4P
Din Rail Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W_16 Datasheet
533Kb / 8P
Din Rail Switching Power Supply
AFC-DN_SERIES ARCH-AFC-DN_SERIES Datasheet
142Kb / 2P
Din Rail Switching Power Supply
ANCA-DN_SERIES ARCH-ANCA-DN_SERIES Datasheet
187Kb / 3P
Din Rail Switching Power Supply
APC-DN_SERIES ARCH-APC-DN_SERIES Datasheet
163Kb / 3P
Din Rail Switching Power Supply
AQF120D_SERIES ARCH-AQF120D_SERIES Datasheet
260Kb / 2P
Din Rail Switching Power Supply
ATC-DN_SERIES ARCH-ATC-DN_SERIES Datasheet
171Kb / 3P
Din Rail Switching Power Supply
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com