Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7528JS Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7528JS
Description  CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7528JS Datasheet(HTML) 2 Page - Exar Corporation

  MP7528JS Datasheet HTML 1Page - Exar Corporation MP7528JS Datasheet HTML 2Page - Exar Corporation MP7528JS Datasheet HTML 3Page - Exar Corporation MP7528JS Datasheet HTML 4Page - Exar Corporation MP7528JS Datasheet HTML 5Page - Exar Corporation MP7528JS Datasheet HTML 6Page - Exar Corporation MP7528JS Datasheet HTML 7Page - Exar Corporation MP7528JS Datasheet HTML 8Page - Exar Corporation MP7528JS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP7528
2
Rev. 2.00
Ceramic Dip
MP7528AD
Ceramic Dip
MP7528BD
Ceramic Dip
MP7528CD
Ceramic Dip
MP7528SD*
Ceramic Dip
MP7528TD*
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–55 to +125
°C
–55 to +125
°C
+1
+1/2
+1/4
+1
+1/2
+6
+4
+3
+6
+4
+1
+1
+1
+1
+1
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Plastic Dip
MP7528JN
Plastic Dip
MP7528KN
Plastic Dip
MP7528LN
PLCC
MP7528JP
PLCC
MP7528KP
PLCC
MP7528LP
SOIC
MP7528JS
SOIC
MP7528KS
SOIC
MP7528LS
+1
+1/2
+1/4
+1
+1/2
+1/4
+1
+1/2
+1/4
+3
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
+6
+4
+3
+6
+4
+3
+6
+4
+1
+1
+1
+1
+1
+1
+1
+1
+1
INL
(LSB)
Gain Error
(LSB)
DNL
(LSB)
*Contact factory for non-compliant military processing
PIN CONFIGURATIONS
AGND
DGND
(MSB) DB7
DB6
DB5
DB4
DB0 (LSB)
DB1
DB2
DB3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
20 Pin CDIP, PDIP (0.300”)
D20, N20
RFBA
VREFA
RFBB
VREFB
VDD
20 Pin SOIC (Jedec, 0.300”)
S20
20
1
11
10
2
3
4
5
6
7
15
14
13
12
17
16
8
9
19
18
See
Pin Out
at Left
IOUTB
IOUTA
See Packaging Section for Package Dimensions
DACA/DACB
CS
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com