Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOGH3 Datasheet(PDF) 2 Page - MMD Components

Part # MOGH3
Description  Ultra High Stability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MOGH3 Datasheet(HTML) 2 Page - MMD Components

  MOGH3 Datasheet HTML 1Page - MMD Components MOGH3 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
03/18/11 B
Revisions only with customer approval
Pg 2 of 2
Revision:
Frequency
MOG
1"x .87" SMD 5 PIN
Please Consult with MMD Sales Department for any other Parameters or Options
Output
H = HCMOS
Z = Sinewave
Frequency
Stability
005 = ±5PPB
010 = ±10PPB
020 = ±20PPB
050 = ±50PPB
100 = ±100PPB
Operating
Temperature
A =
0°C to + 50°C
C = -20°C to +70°C
D = -30°C to +70°C
F = -40°C to +85°C
G =
0°C to +70°C
Crystal Cut
S = SC Cut
Supply Voltage
3 = + 3 VDC
5 = + 5 VDC
12 = +12 VDC
B = -10°C to + 60°C
Packaging
Blank = Bulk
T= Tape & Reel
Part Number Guide
22.10 [.870]
2.54 [.100]
2.54 [.100]
8.89 [.350]
17.78 [.700]
1
2
3
4
5
R0.76 [R.030]
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
UNIT IS NOT HERMETICALLY SEALED
SUGGESTED
LAND PATTERN
23.50 [.925]
8.89 [.349]
4.00 [.157]
3.50 [.138]
MXX.XXX
SYYWWL
XXXXX
25.40 [1.000]
NO TES:
1. APPLIC ABLE STAN DA RDS/ SPE CI FIC ATIO N ANSI Y14.5M-1994,
DIM ENSIO N AN D T OL ERANCE S.
2. DIM ENSIO N IN BRAC KE TS A RE IN INCHE S.
3. PIN NU MBERS ARE FO R REF ERENCE O NL Y
4. DO NOT SC ALE DRAW ING
17.78 [.700]
VOLTAGE REF OUTPUT
PIN 2
PIN 1
PIN CONNECTIONS
VOLTAGE CONTROL
PIN 3
PIN 4
PIN 5
GROUND
SUPPLY VOLTAGE
OUTPUT
13.20 [.520]
Mechanical Details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com