Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72734 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST72734
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72734 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST72734 Datasheet HTML 60Page - STMicroelectronics ST72734 Datasheet HTML 61Page - STMicroelectronics ST72734 Datasheet HTML 62Page - STMicroelectronics ST72734 Datasheet HTML 63Page - STMicroelectronics ST72734 Datasheet HTML 64Page - STMicroelectronics ST72734 Datasheet HTML 65Page - STMicroelectronics ST72734 Datasheet HTML 66Page - STMicroelectronics ST72734 Datasheet HTML 67Page - STMicroelectronics ST72734 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 144 page
background image
ST72774/ST727754/ST72734
64/144
SYNC PROCESSOR (SYNC) (Cont’d)
4.4.7 Output Processing
4.4.7.1 Generating Free-Running Frequencies
The free-running frequencies function is used to:
– Drive the monitor when no or bad sync signals
are received.
– Stabilize the OSD screen when the monitor is
unlocked.
– Perform fast alignment for maintenance purpos-
es.
Note: When free-running mode is active, the analyzer
and corrector modes must be disabled.
– VCORDIS = 1, VEXT = 0 in CFGR and POLR
registers for vertical output measurement
– 2FHINH = 0 in CFGR register for horizontal
low level measurment
– VACQ, HACQ = 0, in CFGR register for ana-
lyzer mode
The Sync processor can generate any of the
following output sync signals HSYNCO, VSYNCO,
CLAMPOUT, BLANKOUT.
To select the generation mode:
– Program the horizontal period using the HGENR
register.
– Program the vertical period using the VGENR (8
bits) and CFGR (3 bits) registers (2047 scan
lines per frame). Refer to Figure 44.
– Configure the following bits:
SYNOP = 0
HVGEN = 1
HACQ = 0
VACQ = 0
Horizontal Period
PH = Horizontal period = ((HGENR+1)/4) µs
Pulse width: 2 µs => HGENR min=8
Polarity: Positive
HGENR range: [8..255]
Vertical Period
PV = Vertical period = (PH * V11bits) µs
V11bits is a concatenation of VGENR and the Q'2
Q'1 Q'0 bits of the CFGR register.
Refer to Figure 44.
Pulse width: 4 * PH => min value= 8µs
Polarity: Positive
VGENR/CFGR range: [5..7FF]
Table 17. Typical values for generated HSYNC signals
Table 18. Typical values for generated VSYNC signals
HGENR (hex value)
H Period
HFREQ
Pulse Width
Duty Cycle
13
5 µs
200 kHz
2 µs
40%
1F
8 µs
125 kHz
2 µs
25%
3F
16 µs
62.5 kHz
2 µs
12.5%
7F
32 µs
31.25 kHz
2 µs
6.2%
FF
64 µs
15.6 kHz
2 µs
3.1%
HGENR
(hex value)
H Period
H Freq
V11bits
(hex value)
V Period
V Freq
Pulse width
13
5 µs
200 kHz
7FF (2047)
10.2 ms
97.7 Hz
20 µs
13
5 µs
200 kHz
400 (1024)
5.1 ms
195 Hz
20 µs
1F
8 µs
125 kHz
7FF (2047)
16.3 ms
61 Hz
32 µs
1F
8 µs
125 kHz
400 (1024)
8.2 ms
122 Hz
32 µs
3F
16 µs
62.5 kHz
7FF (2047)
32.6 ms
30.6 Hz
64 µs
3F
16 µs
62.5 kHz
400 (1024)
16.4 ms
60.9 Hz
64 µs
7F
32 µs
31.25 kHz
7FF (2047)
65.5 ms
15 Hz
128 µs
7F
32 µs
31.25 kHz
400 (1024)
32.8 ms
30 Hz
128 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com