Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ12VALT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBZ12VALT3
Description  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ12VALT3 Datasheet(HTML) 4 Page - ON Semiconductor

  MMBZ12VALT3 Datasheet HTML 1Page - ON Semiconductor MMBZ12VALT3 Datasheet HTML 2Page - ON Semiconductor MMBZ12VALT3 Datasheet HTML 3Page - ON Semiconductor MMBZ12VALT3 Datasheet HTML 4Page - ON Semiconductor MMBZ12VALT3 Datasheet HTML 5Page - ON Semiconductor MMBZ12VALT3 Datasheet HTML 6Page - ON Semiconductor MMBZ12VALT3 Datasheet HTML 7Page - ON Semiconductor MMBZ12VALT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MMBZ5V6ALT1 Series
http://onsemi.com
4
TYPICAL CHARACTERISTICS
−40
+ 50
18
Figure 1. Typical Breakdown Voltage
versus Temperature
(Upper curve for each voltage is bidirectional mode,
lower curve is unidirectional mode)
0
TEMPERATURE (
°C)
+ 100
+ 150
15
12
9
6
3
0
−40
+ 25
1000
Figure 2. Typical Leakage Current
versus Temperature
TEMPERATURE (
°C)
+ 85
+ 125
100
10
1
0.1
0.01
Figure 3. Typical Capacitance versus Bias Voltage
(Upper curve for each voltage is unidirectional mode,
lower curve is bidirectional mode)
0
25
50
75
100
125
150
175
300
250
200
150
100
50
0
Figure 4. Steady State Power Derating Curve
TEMPERATURE (
°C)
FR−5 BOARD
ALUMINA SUBSTRATE
01
2
3
320
280
240
160
120
40
0
BIAS (V)
200
80
15 V
5.6 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com