Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774J9B1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST72774J9B1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774J9B1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST72774J9B1 Datasheet HTML 20Page - STMicroelectronics ST72774J9B1 Datasheet HTML 21Page - STMicroelectronics ST72774J9B1 Datasheet HTML 22Page - STMicroelectronics ST72774J9B1 Datasheet HTML 23Page - STMicroelectronics ST72774J9B1 Datasheet HTML 24Page - STMicroelectronics ST72774J9B1 Datasheet HTML 25Page - STMicroelectronics ST72774J9B1 Datasheet HTML 26Page - STMicroelectronics ST72774J9B1 Datasheet HTML 27Page - STMicroelectronics ST72774J9B1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 144 page
background image
ST72774/ST727754/ST72734
24/144
INTERRUPTS (Cont’d)
Table 6. Interrupt Mapping
** Many flags can cause an interrupt, see peripheral interrupt status register description.
Source
Block
Description
Register
Label
Flag
Maskable
by I-bit
Vector Address
Priority
Order
RESET
Reset
N/A
N/A
no
FFFEh-FFFFh
TRAP
Software
N/A
N/A
no
FFFCh-FFFDh
USB
End Suspend Interrupt
USBISTR
ESUSP
yes
FFFAh-FFFBh
DDC/CI
DDC/CI Interrupt
DDCSR1
DDCSR2
**
yes
FFF8h-FFF9h
DDC1/2B
DDC1/2B Interrupt
DDCDCR
EDF
yes
FFF6h-FFF7h
Port D bit 4
External Interrupt ITB
MISCR
ITBLAT
yes
FFF4h-FFF5h
Port D bit 3
External Interrupt ITA
ITALAT
yes
FFF2h-FFF3h
TIM
Input Capture 1
TIMSR
ICF1
yes
FFF0h-FFF1h
Input Capture 2
ICF2
Output Compare 1
OCF1
yes
FFEEh-FFEFh
Output Compare 2
OCF2
Timer Overflow
TOF
yes
FFECh-FFEDh
I2C
I2C Peripheral Inter-
rupts
I2CSR1
I2CSR2
**
yes
FFEAh-FFEBh
USB
USB Interrupt
USBISTR
**
yes
FFE6h-FFE7h
Highest
Priority
Priority
Lowest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com