Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1602CG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1602CG
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1602CG Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1602CG Datasheet HTML 1Page - STMicroelectronics STTH1602CG Datasheet HTML 2Page - STMicroelectronics STTH1602CG Datasheet HTML 3Page - STMicroelectronics STTH1602CG Datasheet HTML 4Page - STMicroelectronics STTH1602CG Datasheet HTML 5Page - STMicroelectronics STTH1602CG Datasheet HTML 6Page - STMicroelectronics STTH1602CG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STTH1602C
4/7
0
10
20
30
40
50
60
70
80
10
100
1000
t(ns)
rr
dI /dt(A/µs)
F
T =25°C
j
T =125°C
j
I =8A
F
V =160V
R
Fig. 6: Reverse recovery time versus dIF/dt
(typical values, per diode).
0
2
4
6
8
10
12
14
16
10
100
1000
I(A)
RM
dI /dt(A/µs)
F
T =25°C
j
T =125°C
j
I =8A
F
V =160V
R
Fig. 7: Peak reverse recovery current versus dIF/dt
(typical values, per diode).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
IRM
Qrr
T (°C)
j
Q;
rr I
[T ]/Q ;I
[T =125°C]
RM
j
rr RM
j
I =8A
F
V =160V
R
Fig. 8:
Dynamic parameters versus junction
temperature.
0
10
20
30
40
50
60
70
80
02468
10
12
14
16
18
20
S(Cu)(cm²)
R
(°C/W)
th(j-a)
Fig. 9: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, eCU: 35µm) for D
2PAK.
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
10
100
1000
Q (nC)
rr
dI /dt(A/µs)
F
I =8A
F
V =160V
R
T =125°C
j
T =25°C
j
Fig. 5: Reverse recovery charges versus dIF/dt
(typical values, per diode).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com