Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774S9T1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST72774S9T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774S9T1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST72774S9T1 Datasheet HTML 35Page - STMicroelectronics ST72774S9T1 Datasheet HTML 36Page - STMicroelectronics ST72774S9T1 Datasheet HTML 37Page - STMicroelectronics ST72774S9T1 Datasheet HTML 38Page - STMicroelectronics ST72774S9T1 Datasheet HTML 39Page - STMicroelectronics ST72774S9T1 Datasheet HTML 40Page - STMicroelectronics ST72774S9T1 Datasheet HTML 41Page - STMicroelectronics ST72774S9T1 Datasheet HTML 42Page - STMicroelectronics ST72774S9T1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
ST72774/ST727754/ST72734
39/144
4.2 WATCHDOG TIMER (WDG)
4.2.1 Introduction
The Watchdog timer is used to detect the
occurrence of a software fault, usually generated
by external interference or by unforeseen logical
conditions, which causes the application program
to abandon its normal sequence. The Watchdog
circuit generates an MCU reset on expiry of a
programmed time period, unless the program
refreshes the counter’s contents before the T6 bit
becomes cleared.
4.2.2 Main Features
s
Programmable timer (64 increments of 49152
CPU cycles)
s
Programmable reset
s
Reset (if watchdog activated) when the T6 bit
reaches zero
Figure 26. Watchdog Block Diagram
4.2.3 Functional Description
The counter value stored in the CR register (bits
T6:T0), is decremented every 49,152 machine
cycles, and the length of the timeout period can be
programmed by the user in 64 increments.
If the watchdog is activated (the WDGA bit is set)
and when the 7-bit timer (bits T6:T0) rolls over
from 40h to 3Fh (T6 becomes cleared), it initiates a
reset cycle pulling low the reset pin for typically
500ns.
The application program must write in the CR
register
at
regular
intervals
during
normal
operation to prevent an MCU reset. The value to
be stored in the CR register must be between FFh
and C0h (see Table 13 . Watchdog Timing (fCPU =
8 MHz)):
– The WDGA bit is set (watchdog enabled)
– The T6 bit is set to prevent generating an imme-
diate reset
– The T5:T0 bits contain the number of increments
which represents the time delay before the
watchdog produces a reset.
RESET
WDGA
7-BIT DOWNCOUNTER
fCPU
T6
T0
CLOCK DIVIDER
WATCHDOG CONTROL REGISTER (CR)
÷49152
T1
T2
T3
T4
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com