Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1602CFP Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1602CFP
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1602CFP Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1602CFP Datasheet HTML 1Page - STMicroelectronics STTH1602CFP Datasheet HTML 2Page - STMicroelectronics STTH1602CFP Datasheet HTML 3Page - STMicroelectronics STTH1602CFP Datasheet HTML 4Page - STMicroelectronics STTH1602CFP Datasheet HTML 5Page - STMicroelectronics STTH1602CFP Datasheet HTML 6Page - STMicroelectronics STTH1602CFP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STTH1602C
5/7
PACKAGE MECHANICAL DATA
D
2PAK
A
C2
D
R
A2
M
V2
C
A1
G
L
L3
L2
B
B2
E
*
* FLAT ZONE NO LESS THAN 2mm
8.90
3.70
1.30
5.08
16.90
10.30
FOOTPRINT DIMENSIONS (in millimeters)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
M
2.40
3.20
0.094
0.126
R
0.40 typ.
0.016 typ.
V2
0°
8°
0°
8°
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
STTH1602CT
STTH1602CT
TO-220AB
2.23 g
50
Tube
STTH1602CG
STTH1602CG
D
2PAK
1.48 g
50
Tube
STTH1602CG-TR
STTH1602CG
D
2PAK
1.48 g
1000
Tape & reel
STTH1602CR
STTH1602CR
I
2PAK
1.49 g
50
Tube
STTH1602CFP
STTH1602CFP
TO-220FPAB
1.70g
50
Tube



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com