Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS9822B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WS9822B
Description  Non-isolated Buck High Precision Three-stage Dimming LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9822B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WS9822B Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 8Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 9Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 10Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
7/11
WS9822B Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
suggested to use. Besides, the operating frequency of
freewheeling diode is from 20K to 120 KHz, such ultra fast
recovery diodes as ES and ER whose Trr is less than 50ns
are good choice.
Input Buck Electrolytic Capacitor
Input voltage should be considered in to the capacitor
pressure, and the common value is 400V.
In general, the capacitor design can be calculated by the
following empirical equations:
90Vac~264Vac: 1W output uses1uF intput electrolytic
capacitor;
176Vac~264Vac:
1W
output
uses
0.5uF
intput
electrolytic capacitor.
Output Capacitor
Electrolytic capacitor is recommended to be used. Its
stable capacitance can improve the efficiency of power
supply, the LED ripple current and luminous efficiency.
Vovp voltage should be considered in output capacitor
pressure.
Inductor Selection
The WS9822B works under inductor current critical
conduction mode. When the power MOFET is switched on,
the current in the inductor rises up from zero. The on time of
the MOSFET can be calculated by the equation (4):
LED
IN
PK
on
V
V
I
L
t
(
4)
Where,
L is the inductance value,
IPK is the peak current of the inductor,
VIN is the DC bus voltage after the rectifier bridge,
VLED is the voltage on the LED.
After the power MOSFET is switched off and the current
in the inductor decreases. When the inductor current reaches
zero, the power MOSFET is turned on again by IC internal
logic. The off time of the MOSFET is given by the equation
(
5):
LED
PK
off
V
I
L
t
(
5)
The inductance can be calculated by the equati
on(6):
IN
PK
LED
IN
LED
V
I
f
V
V
V
L
)
(
(
6)
Where, f is the maximum system switching frequency,
which is proportional to the input voltage. So the minimum
switching frequency is set at lowest input voltage, and the
maximum switching frequency is set at highest input voltage.
The minimum and maximum off time of WS9822B is set
at 3us and 240us respectively. Referring to the equation of Toff
calculation, if the inductance is too small, the Toff may be
smaller than the minimum off time, the system will operate in
discontinuous conduction mode and the output current will be
smaller than the designed value. If the inductance is too large,
the Toff may be larger than the maximum off time, the system
will operate in continuous conduction mode and the output
current will be higher than the designed value. So it is
important to choose a proper inductance.
In addition, the OVP voltage changes with the Inductance
value. Due to open magnetic flux of DR core, the Inductance
value changes easily under the influence of temperature and
external environment. Therefore, please don’t use them along
with the product in order to prevent from false triggering of
OVP.
Over Voltage Protection
The over voltage protection of the WS9822B can be
programmed by the ROVP pin resistor. The voltage of ROVP
pin is 0.5V.
When the LED is open circuit, the period of the output
voltage increases gradually, the demagnetization time gets
shorter. The demagnetization time at OVP---- Tovp can be
calculated by the open circuit protection voltage by the
equation (7):
OVP
CS
CS
OVP
V
R
V
L
T
(
7)
Where,
Vcs is the CS pin turn off threshold (400mV);



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com