Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC_SERIES Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ALC_SERIES
Description  Switching Power Module for PCB Mountable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALC_SERIES Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ALC_SERIES Datasheet HTML 1Page - Arch Electronics Corp. ALC_SERIES Datasheet HTML 2Page - Arch Electronics Corp. ALC_SERIES Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : A_8
update : 2011.01.04
AC-DC Power Module
ALC SERIES
8 Watts
ELECTRICAL SPECIFICATIONS
Model No.
( Dual Output )
ALC-5S3.3S
ALC-8S5S
ALC-12S5S
Max Output Wattage (W)
9W
8.5W
8.5W
Voltage
90-305 VAC or 120-430 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
200 mA max. (115 VAC) / 125 mA max. (230 VAC)
Inrush Current (<500us)
25 A max. (115 VAC) / 45 A max. (230 VAC)
Leakage Current
0.25 mA max.
Input
External Fuse (recommend)
2 A slow blow type
Voltage (V.DC.)
Vo : 5V
Vr : 3.3V
Vo : 8V
Vr : 5V
Vo : 12V
Vr : 5V
Voltage Accuracy
Vo : ±2%
Vr : ±15%
Vo : ±2%
Vr : ±10%
Current (mA) max
1600 / 310
1000 / 100
666 / 100
Line Regulation (LL-HL) (typ.)
Vo : ±0.2%
Vr : ±3%
Load Regulation (10-100%) (typ.)
Vo : ±0.5%
Vr : ±5%
Minimum Load
25%
Maximum Capacitive Load
Vo : 4500uF
Vr : 3800uF
Vo : 800uF
Vr :3800uF
Vo : 260uF
Vr : 3800uF
Ripple
<100mV max (Vp-p)
Noise
<150mV max (Vp-p)
Efficiency
73%
78%
79%
Hold-up Time
10 ms min.
Output
Switching Frequency
132±8 KHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Operating Temperature
-40°C…+70°C ( with derating )
Storage Temperature
-40°C…+125°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>350,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.44 x 1.06 x 1.04 Inches
(36.5 x 27.0 x26.4 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
45 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL, cUL
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
1. All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com