Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51660 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M51660
Description  SERVO MOTOR CONTROL FOR RADIO CONTROL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M51660 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M51660 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M51660 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M51660 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M51660 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SERVO MOTOR CONTROL FOR RADIO CONTROL
M51660L
MITSUBISHI <CONTROL / DRIVER IC>
Supply voltage
VCC
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C, unless otherwise noted)
Symbol
Ratings
Unit
Parameter
Conditions
7.5
V
TYPICAL CHARACTERISTICS (Ta = 25
°C, unless otherwise noted)
IO SINK
IO SOURSE
Pd
K
θ
Topr
Tstg
Output sink current
Output source current
Power dissipation
Thermal derating range
Operating temperature
Storage temperature range
Ta
≥ 25°C
500
200
550
5.5
-20 – +75
-40 – +125
mA
mA
mW
mW/
°C
°C
°C
mA
ELECTRICAL CHARACTERISTICS (Ta = 25
°C and VCC = 4.8V, unless otherwise noted)
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
ICC
Circuit current
When output is OFF
3.5
5
20
V
VOL
Output voltage “L”
IO SINK = 100mA
0.1
0.2
IO SINK = 400mA
0.4
0.7
V
VOH
IO SOURCE = 100mA
3.8
mA
IPNP
Drive current
V
VReg
Internal regulated supply voltage
2.45
2.6
mA
IReg
Internal regulated supply output current
3.0
µs
TDB
Minimum dead band width
3.4
30
2.3
RDB = 510
Ω, CS = 0.1µF
1.5
When output is ON
External PNP transistor
Output voltage “H”
Circuit current vs. supply voltage
When output is OFF
Supply voltage VCC (V)
8
6
4
2
0
02
46
8
Thermal derating (maximum rating)
1000
800
600
400
200
0
0
25
50
75
100
125
Ambient temperature Ta (
°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com