Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T55 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # T55
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button T55 Datasheet HTML 9Page - Vishay Siliconix T55 Datasheet HTML 10Page - Vishay Siliconix T55 Datasheet HTML 11Page - Vishay Siliconix T55 Datasheet HTML 12Page - Vishay Siliconix T55 Datasheet HTML 13Page - Vishay Siliconix T55 Datasheet HTML 14Page - Vishay Siliconix T55 Datasheet HTML 15Page - Vishay Siliconix T55 Datasheet HTML 16Page - Vishay Siliconix T55 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Polymer Guide
www.vishay.com
Vishay
Revision: 05-Oct-16
2
Document Number: 40076
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLID ELECTROLYTE POLYMER TANTALUM CAPACITORS
Solid electrolyte polymer capacitors utilize sintered tantalum pellets as anodes. Tantalum pentoxide dielectric layer is formed
on the entire surface of anode, which is further impregnated with highly conductive polymer as cathode system.
The conductive polymer layer is then coated with graphite, followed by a layer of metallic silver, which provides a conductive
surface between the capacitor element and the outer termination (lead frame or other).
Molded chip polymer tantalum capacitor encases the element in plastic resins, such as epoxy materials. After assembly, the
capacitors are tested and inspected to assure long life and reliability. It offers excellent reliability and high stability for variety of
applications in electronic devices. Usage of conductive polymer cathode system provides very low equivalent series resistance
(ESR), which makes the capacitors particularly suitable for high frequency applications.
TANTALUM CAPACITOR WITH POLYMER CATHODE TYPE T55
TANTALUM CAPACITOR WITH POLYMER CATHODE TYPE T58
Silver adhesive
Solderable cathode termination
Polymer / carbon / silver coating
Sintered tantalum pellet
Epoxy encapsulation
Lead frame welded to Ta wire
Anode polarity bar
Solderable anode termination
Anode polarity bar
Side anode termination (+)
Side cathode termination (-)
Encapsulation
Sintered tantalum pellet
Polymer / carbon / silver coating
Glass reinforced epoxy resin substrate
Bottom cathode termination (-)
Silver adhesive epoxy
Conductive strip
Rating / marking
Bottom anode termination (+)
Copper pad
Anode wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com