Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T58 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T58
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T58 Datasheet(HTML) 2 Page - Vishay Siliconix

  T58 Datasheet HTML 1Page - Vishay Siliconix T58 Datasheet HTML 2Page - Vishay Siliconix T58 Datasheet HTML 3Page - Vishay Siliconix T58 Datasheet HTML 4Page - Vishay Siliconix T58 Datasheet HTML 5Page - Vishay Siliconix T58 Datasheet HTML 6Page - Vishay Siliconix T58 Datasheet HTML 7Page - Vishay Siliconix T58 Datasheet HTML 8Page - Vishay Siliconix T58 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
T58
www.vishay.com
Vishay
Revision: 02-Nov-16
2
Document Number: 40189
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Rating in development, contact factory for availability.
• In brackets is available ESR, m
Ω
RATINGS AND CASE CODES
μF
6.3 V
8.2 V
10 V
16 V
25 V
35 V
1
W9 (500)
10
MM (300, 500)
22
MM (300, 500) /
W9 (500)
BB
(100, 150)
47
M0 (300, 500) /
W9 (150, 200, 300)
W0 (200 (1), 300),
W0 (500)
A0 (100)
BB (90, 200)
100
A0 (100, 150)
150
B0 (200) (1)
220
BB (50, 200) (1)
330
BB (50, 100) (1)
MARKING
VOLTAGE CODE
CAPACITANCE CODE
V
CODE
CAP, μF
CODE
6.3
J
1
A
8.2
k
10
α
10
A
22
j
16
C
47
s
25
E
100
A
35
V
150
E
Wx-Case
Voltage
code
Capacitance
code
Polarity bar
J A
Ax-Case
Voltage
code
EIA capacitance
code (pF)
Polarity bar
J107
Mx-Case
Voltage code
J
Polarity bar
Bx-Case
330 6
Polarity
bar
Capacitance code
Vishay
marking
Voltage code
+
+
+
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com