Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T59 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T59
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T59 Datasheet(HTML) 2 Page - Vishay Siliconix

  T59 Datasheet HTML 1Page - Vishay Siliconix T59 Datasheet HTML 2Page - Vishay Siliconix T59 Datasheet HTML 3Page - Vishay Siliconix T59 Datasheet HTML 4Page - Vishay Siliconix T59 Datasheet HTML 5Page - Vishay Siliconix T59 Datasheet HTML 6Page - Vishay Siliconix T59 Datasheet HTML 7Page - Vishay Siliconix T59 Datasheet HTML 8Page - Vishay Siliconix T59 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
T59
www.vishay.com
Vishay
Revision: 19-Oct-16
2
Document Number: 40191
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Rating in development, contact factory for availability
RATINGS AND CASE CODES (ESR m
)
μF
16 V
30 V
35 V
50 V
63 V
75 V
15
EE (40) (1)
22
EE (75) (1)
EE (50) (1)
47
EE (70)
150
EE (150, 75)
220
EE (25)
330
EE (25)
470
EE (25)
MARKING
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
)
MAX. RIPPLE,
100 kHz IRMS
(A)
16 VDC AT +105 °C
220
EE
T59EE227(1)016(2)0025
352
10
25
3.100
330
EE
T59EE337M016(2)0025
528
10
25
3.100
470
EE
T59EE477M016(2)0025
752
10
25
3.100
30 VDC AT +105 °C
150
EE
T59EE157M030(2)0150
450
10
150
1.283
150
EE
T59EE157M030(2)0075
450
10
75
1.815
35 VDC AT +105 °C
47
EE
T59EE476M035(2)0070
165
10
70
1.878
50 VDC AT +105 °C
22
EE (1)
T59EE226M050(2)0075
110
10
75
1.815
63 VDC AT +105 °C
22
EE (1)
T59EE226M063(2)0050
139
10
50
2.200
75 VDC AT +105 °C
15
EE (1)
T59EE156M075(2)0040
113
10
40
2.485
Notes
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: E, C
(1) Rating in development, contact factory for availability
330 16V
Polarity mark
Vishay logo
+ + +
T59 2
Voltage
Capacitance
Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com