Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2704DB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704DB Datasheet(HTML) 2 Page - Texas Instruments

  PCM2704DB Datasheet HTML 1Page - Texas Instruments PCM2704DB Datasheet HTML 2Page - Texas Instruments PCM2704DB Datasheet HTML 3Page - Texas Instruments PCM2704DB Datasheet HTML 4Page - Texas Instruments PCM2704DB Datasheet HTML 5Page - Texas Instruments PCM2704DB Datasheet HTML 6Page - Texas Instruments PCM2704DB Datasheet HTML 7Page - Texas Instruments PCM2704DB Datasheet HTML 8Page - Texas Instruments PCM2704DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE CODE
OPERATING
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
PCM2704DB
SSOP-28
28DB
–25
°C to 85°C
PCM2704
PCM2704DB
Tube
PCM2704DB
SSOP-28
28DB
–25
°C to 85°C
PCM2704
PCM2704DBR
Tape and reel
PCM2705DB
SSOP-28
28DB
–25
°C to 85°C
PCM2705
PCM2705DB
Tube
PCM2705DB
SSOP-28
28DB
–25
°C to 85°C
PCM2705
PCM2705DBR
Tape and reel
PCM2706PJT
TQFP-32
32PJT
–25
°C to 85°C
PCM2706
PCM2706PJT
Tray
PCM2706PJT
TQFP-32
32PJT
–25
°C to 85°C
PCM2706
PCM2706PJTR
Tape and reel
PCM2707PJT
TQFP-32
32PJT
–25
°C to 85°C
PCM2707
PCM2707PJT
Tray
PCM2707PJT
TQFP-32
32PJT
–25
°C to 85°C
PCM2707
PCM2707PJTR
Tape and reel
(1) For the most current specification and package information, refer to our Web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNITS
Supply voltage
VBUS
–0.3 V to 6.5 V
Supply voltage
VCCP, VCCL, VCCR, VDD
–0.3 V to 4 V
Supply voltage differences
VCCP, VCCL, VCCR, VDD
±0.1 V
Ground voltage differences
PGND, AGNDL, AGNDR, DGND, ZGND
±0.1 V
HOST
–0.3 V to 6.5 V
Digital input voltage
D+, D–, HID0/MS, HID1/MC, HID2/MD, XTI, XTO, DOUT, SSPND, CK, DT,
PSEL, FSEL, TEST, TEST0, TEST1, FUNC0, FUNC1, FUNC2, FUNC3
–0.3 V to (VDD + 0.3) V < 4 V
VCOM
–0.3 V to (VCCP + 0.3) V < 4 V
Analog input voltage
VOUTR
–0.3 V to (VCCR + 0.3) V < 4 V
Analog input voltage
VOUTL
–0.3 V to (VCCL + 0.3) V < 4 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com