Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4140CD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4140CD
Description  HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4140CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4140CD Datasheet HTML 9Page - Texas Instruments THS4140CD Datasheet HTML 10Page - Texas Instruments THS4140CD Datasheet HTML 11Page - Texas Instruments THS4140CD Datasheet HTML 12Page - Texas Instruments THS4140CD Datasheet HTML 13Page - Texas Instruments THS4140CD Datasheet HTML 14Page - Texas Instruments THS4140CD Datasheet HTML 15Page - Texas Instruments THS4140CD Datasheet HTML 16Page - Texas Instruments THS4140CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
THS4140, THS4141
HIGHSPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS320E − MAY 2000 − REVISED JANUARY 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
data converters (continued)
Some single supply applications may require the input voltage to exceed the common-mode input voltage
range. In such cases, the following circuit configuration is suggested to bring the common-mode input voltage
within the specifications of the amplifier.
VIN
−
+
−
+
DVDD
VOCM
AVSS
AVDD
AIN
AIN
VDD
Vref
5 V
VCC
0.1
µF
VCC
RPU
VCC
RPU
Rg
Rg
VP
Rf
Rf
VOUT
VOUT
Figure 24. Circuit With Improved Common-Mode Input Voltage
The following equation is used to calculate RPU:
R
PU +
V
P
–V
CC
V
IN
–V
P
1
RG
) V
OUT
–V
P
1
RF
driving a capacitive load
Driving capacitive loads with high-performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS414x has been internally compensated to maximize its bandwidth and
slew rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output will decrease the device’s phase margin leading to high-frequency ringing or oscillations. Therefore, for
capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output of
the amplifier, as shown in Figure 25. A minimum value of 20
Ω should work well for most applications. For
example, in 50-
Ω transmission systems, setting the series resistor value to 50 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
THS414x
Output
Output
20
Ω
20
Ω
390
Ω
390
Ω
390
Ω
390
Ω
Figure 25. Driving a Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com