Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZTAC Datasheet(PDF) 1 Page - MMD Components

Part # MZTAC
Description  MZTAC Series Ceramic Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MZTAC Datasheet(HTML) 1 Page - MMD Components

  MZTAC Datasheet HTML 1Page - MMD Components MZTAC Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
MZTAC011111G
Specifications are subject to change without notice.
Pg 1 of 2
M
MZZTTA
AC
C SSeerriieess C
Ceerraam
miicc R
Reessoonnaattoorr
 5 Package Options
 Ceramic SMD
 RoHS Compliant
Schematic
Frequency
MZ T A
2 L ead Part
P leas e C o ns u lt w ith M M D S a le s D epartm ent fo r any other P a ra m e te rs or O p tions
Pa c k a g e C a s e Siz e
C C = 7 .4 X 3.4 X 1.8
C R = 4.5 X 2.0 X 1.2
C S = 4.7 X 4.1 X 1.5
C V = 3.7 X 3.1 X 1.5
C W = 2.5 X 2.0 X 1.2
M G = IC : T C 4069U B P
M T = IC : T C 4069U B P
M X = IC : T C 7 4 H C U 0 4
S c hem atic
V alu e A dded O p tions
B lank = N o A dded O p tions
T = T ape & R eel
Part Number Guide
VDC: +5V
IC
IC
Rf = 1 M Ohms
C1
C2
C1 C2 (MG/MT): 30pF
(MX)
: 30pF (13.01 to 20.000 MHz)
15pF (20.01 to 25.999 MHz)
5pF (26.00 to 50.00 MHz)
Part Number
= MHz
Frequency
Range
Frequency
Accuracy
Temperature
Stability
(-25°C to +85°C
)
Aging for
10 Years
MZTACCMG
2.0 MHz to 8.00 MHz
±0.5%
±0.3%
±0.3%
MZTACRMG
4.00 MHz to 8.00 MHz
±0.5%
±0.3%
±0.3%
MZTACSMT
6.00 MHz to 13.00 MHz
±0.5%
±0.4%
±0.3%
MZTACVMT
8.00 MHz to 13.00 MHz
±0.5%
±0.4%
±0.3%
MZTACSMX
13.01 MHz to 50.00 MHz
±0.5%
±0.3%
±0.3%
MZTACVMX
16.00 MHz to 50.00 MHz
±0.5%
±0.3%
±0.3%
MZTACWMX
20.00 MHz to 50.00 MHz
±0.5%
±0.3%
±0.3%


Similar Part No. - MZTAC

ManufacturerPart #DatasheetDescription
logo
MMD Components
MZTAC MMD-MZTAC Datasheet
164Kb / 2P
Ceramic Resonator
MZTAC1 MMD-MZTAC1 Datasheet
164Kb / 2P
Ceramic Resonator
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
Ceramic Resonator
MZTAC2 MMD-MZTAC2 Datasheet
164Kb / 2P
Ceramic Resonator
MZTAC2 MMD-MZTAC2_12 Datasheet
164Kb / 2P
Ceramic Resonator
More results

Similar Description - MZTAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSB400 ETC-CSB400 Datasheet
435Kb / 11P
CERAMIC RESONATOR
CSTCE8M00 ETC-CSTCE8M00 Datasheet
76Kb / 9P
Ceramic Resonator
logo
AEL Crystals Ltd
ZTTCV AEL-ZTTCV Datasheet
28Kb / 1P
Ceramic Resonator
logo
Shoulder Electronics Li...
ZTACV_MT SHOULDER-ZTACV_MT Datasheet
190Kb / 5P
CERAMIC RESONATOR
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
Ceramic Resonator
logo
Tiger Electronic Co.,Lt...
ZTT10.00MT TGS-ZTT10.00MT Datasheet
183Kb / 5P
CERAMIC RESONATOR
ZTT20.00MX TGS-ZTT20.00MX Datasheet
208Kb / 5P
CERAMIC RESONATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com