Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPSLAT Datasheet(PDF) 2 Page - Cynergy3 Co

Part # IPSLAT
Description  Low Range, Intrinsically Safe Pressure Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSLAT Datasheet(HTML) 2 Page - Cynergy3 Co

  IPSLAT Datasheet HTML 1Page - Cynergy3 Co IPSLAT Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Pressure Ranges
Nominal Pressure, Gauge,
mbar
50
100
250
500
750
1000
Nominal Pressure, Absolute mbar
500
750
1000
Permissible Overpressure
mbar
2 bar
2 bar
2 bar
5 bar
5 bar
5 bar
Output Signal and Supply Voltage
43650
DIN
Wire system Output
Supply Volts
Connection
Pin No.
2-wire
4-20mA
10-28Vdc
+ve Supply
Pin 1
-ve Supply
Pin 2
Ground
Earth pin
IPS AT
L
series
Low Range
Pressure Sensor
, Intrinsically Safe
Part No
Pressure Range
IPSLAT-G0050-5 0 - 50mbar G
IPSLAT-G0100-5 0 - 100mbar G
IPSLAT-G0250-5 0 - 250mbar G
IPSLAT-G0500-5 0 - 500mbar G
IPSLAT-G0750-5 0 - 750mbar G
IPSLAT-G1000-5 0 - 1000mbar G
IPSLAT-A0500-5 0 - 500mbar Abs
IPSLAT-A0750-5 0 - 750mbar Abs
IPSLAT-A1000-5 0 - 1000mbar Abs
Custom versions can be made for particular applications
Mechanical Dimensions
1/4"
Male
BSP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com