Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPSLUAT Datasheet(PDF) 1 Page - Cynergy3 Co

Part # IPSLUAT
Description  Low Range, Intrinsically Safe Pressure Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSLUAT Datasheet(HTML) 1 Page - Cynergy3 Co

  IPSLUAT Datasheet HTML 1Page - Cynergy3 Co IPSLUAT Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
IPS UAT
L
series
Low Range
Pressure Sensor
, Intrinsically Safe
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The
is
IPSLUAT
suitable for use in a wide
range of applications
.
in hazardous areas
The probe uses a piezo-resistive silicon
sens ,
or giving excellent media
compatibility within an oil filled 316L
stainless steel housing
The electronics incorporate a
microprocessor based amplifier, requiring
no adjusting and giving stable electronics,
especially in high vibration/shock
applications.
Each device is temperature compensated,
calibrated and supplied with a traceable
serial number and calibration certificate.
There is a choice of internal O ring seals to
ensure that the device is compatible with a
wide range of media.
Accuracy < 0.
%
± 25 FS BFSL
Gauge or Absolute pressure reference
Pressure ranges from 1psi
5psi
to 1
Piezo-resistive sensor
Stainless steel body & diaphragm
Options available on the
UAT
transmitter.
IPSL
pressure
Pressure range
Pressure reference (G or Abs)
Performance
Accuracy (Non-Linearity
<±0. % /
(
) for gauge, < 0.5% for Absolute
& Hysteresis)
25
FS BFSL
±
Setting Errors (offsets)
2-wire
Zero & Full Scale, <±0.5% / FS
Electrical Protection
Supply reverse polarity
No damage/no function
Electromagnetic compatibility
Compliant
CE
Mechanical Stability
Shock
100g / 11s
Vibration
10g
(20 - 2000Hz)
RMS
Environment & Thermal Effects
Media Temperature
- 0ºC to +12 ºC
20
Storage temperature
-40ºC to +1 ºC
10
Compensated temperature range +20ºC to +
C
80º
Thermal Zero Shift (
)
<±0.04% / /ºC
TZS
FS
Thermal Span Shift
<-0.015% /ºC
Permissible environment zone 0
-
6
20ºC to + 0ºC
with patm 0.8 to 1.1 bar
Material Specifications
Housing
Stainless Steel
316
“O” ring seals
Viton
Diaphragm
316L Stainless Steel
Media wetted parts
Housing & connection, “O” ring seal,
diaphragm
Miscellaneous
Weight
Approx 100g
Installation position
Any, small zero shift when tilted through
90º
Operational Life
> 100x 10 cycles
6
Insulation resistance
> 50
hms at 50Vdc
MO
IPSLUAT 2016
Approvals:-
ATEX IECE
/x
EII Ex ia
T4 Ga Ta (see schedule)
IIC


Similar Part No. - IPSLUAT

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSLU CYNERGY3-IPSLU Datasheet
112Kb / 2P
Low Range Industrial Pressure Sensor
IPSLU-GP001-5 CYNERGY3-IPSLU-GP001-5 Datasheet
112Kb / 2P
Low Range Industrial Pressure Sensor
IPSLU-GP001-5M12 CYNERGY3-IPSLU-GP001-5M12 Datasheet
76Kb / 2P
Low Range Industrial Pressure Sensor with M12 4-Pin connector
IPSLU-GP001-6M12 CYNERGY3-IPSLU-GP001-6M12 Datasheet
76Kb / 2P
Low Range Industrial Pressure Sensor with M12 4-Pin connector
IPSLU-GP001-D CYNERGY3-IPSLU-GP001-D Datasheet
112Kb / 2P
Low Range Industrial Pressure Sensor
More results

Similar Description - IPSLUAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMI30 ETC2-SMI30 Datasheet
3Mb / 6P
Intrinsically Safe Sensors
logo
Cynergy3 Co
IPSAT CYNERGY3-IPSAT Datasheet
939Kb / 2P
Intrinsically Safe Pressure Transducer
IPSLAT CYNERGY3-IPSLAT Datasheet
689Kb / 2P
Low Range, Intrinsically Safe Pressure Sensor
IPSSAT CYNERGY3-IPSSAT Datasheet
641Kb / 2P
Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
IPSUAT CYNERGY3-IPSUAT Datasheet
931Kb / 2P
Intrinsically Safe Pressure Transducer
logo
Pepperl+Fuchs Inc.
EI-0D2-10Y-10B PF-EI-0D2-10Y-10B Datasheet
1Mb / 5P
Intrinsically safe Ethernet Isolator
IDENT-EX01NE_DZ1 PF-IDENT-EX01NE_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NHCSL_DZ1 PF-IDENT-EX01NHCSL_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NH_DZ1 PF-IDENT-EX01NH_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
logo
E+E Elektronik Ges.m.b....
EE100EX EPLUSE-EE100EX Datasheet
1Mb / 5P
Intrinsically Safe Humidity and Temperature Sensor
v1.4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com