Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPSSAT Datasheet(PDF) 2 Page - Cynergy3 Co

Part # IPSSAT
Description  Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSSAT Datasheet(HTML) 2 Page - Cynergy3 Co

  IPSSAT Datasheet HTML 1Page - Cynergy3 Co IPSSAT Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Output Signal and Supply Voltage
Wiring Designation
Wire system Output
Supply Volts
Connection
Pin No.
2-wire
4-20mA
10-28Vdc
+ve Supply
Pin 1
-ve Supply
Pin 2
Ground
Pin 3
Input Pressure Ranges
Nominal pressure, Gauge,
Bar
0.1
0.5
1
2
5
10
20
50
100
Nominal pressure , Absolute
Bar
-
-
1
2
5
10
20
-
-
*
Nominal pressure , Compound
Bar
-1 to +1
-1 to +5
-1 to+9
-1 to +19
*
Permissible Overpressure
Bar
2
2
5
5
10
20
50
100
200
* Ceramic sensor only
IPS AT
S
series
Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
Part No
Sensor type
Pressure Range
IPSSAT-G0100-5S Silicon
0-100mbar G (0-1.4psi)
IPSSAT-G0500-5S Silicon
0-500mbar G (0-7.25psi)
IPSSAT-G1000-5S Silicon
0-1000mbar G (0-14.5psi)
IPSSAT-G2000-5C Ceramic
0-2 Bar G (0-29psi)
IPSSAT-G5000-5C Ceramic
0-5 Bar G (0-73psi)
IPSSAT-G1002-5C Ceramic
0-10 Bar G (0-145psi
IPSSAT-G2002-5C Ceramic
0-20 Bar G (0-290psi)
IPSSAT-G5002-5C Ceramic
0-50 Bar G (0-725psi)
IPSSAT-G1003-5C Ceramic
0-100 Bar G(1450psi)
IPSSAT-GM1P1-5C Ceramic
-1 to +1 Bar G (-14.5 to + 14.5psi)
IPSSAT-GM1P5-5C Ceramic
-1 to +5 Bar G (-14.5 to +73psi)
IPSSAT-GM1P9-5C Ceramic
-1 to +9 Bar G (-14.5 to +131psi)
IPSSAT-C0072-5C Ceramic
-1 to +19 Bar G (-14.5 to +276psi)
IPSSAT-A1000-5C Ceramic
0-1 Bar Abs (0-14.5psiA)
IPSSAT-A2000-5C Ceramic
0-2 Bar Abs (0-29psiA)
IPSSAT-A5000-5C Ceramic
0-5 Bar Abs (0-73psiA)
IPSSAT-A1002-5C Ceramic
0-10 Bar Abs (0-1345psiA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com