Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPSUAT Datasheet(PDF) 2 Page - Cynergy3 Co

Part # IPSUAT
Description  Intrinsically Safe Pressure Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSUAT Datasheet(HTML) 2 Page - Cynergy3 Co

  IPSUAT Datasheet HTML 1Page - Cynergy3 Co IPSUAT Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
ISO
9001 CERTIFIED
IPSUAT Series
In
Pressure Transducer
trinsically Safe
Part Number
Pressure Rating
IPSUAT-GP015-5
0-15psi G
IPSUAT-GP030-5
0-30psi G
IPSUAT-GP075-5
0-75psi G
IPSUAT-C0446-5
-14.5 to +150 psi G
IPSUAT-GP100-5
0-100psi G
IPSUAT-GP150-5
0-150psi G
IPSUAT-C0447-5
-14.5 to +350 psi G
IPSUAT-GP300-5
0-300psi G
IPSUAT-GP750-5
0-750psi G
IPSUAT-GP1K5-5
0-1500psi G
IPSUAT-GP3K6-5
0-3600psi G
IPSUAT-GP5K8-5
0-5800psi G
Mechanical Dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com