Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC02FBS-PVC Datasheet(PDF) 1 Page - Cynergy3 Co

Part # LC02FBS-PVC
Description  Cables for sensors with M12 round connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LC02FBS-PVC Datasheet(HTML) 1 Page - Cynergy3 Co

  LC02FBS-PVC Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
M12 Cable Set Series
Cables
nsors with M12 round connection
for se
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The LC cable series can be used with
sensors that have M12 round connectors
(IEC61076-2-101).
These are supplied as standard with
choice of PVC or PUR/PVC sheath insulated
cables in lengths of 2, 5 and 10 metres
and with either straight or elbow connector
bodies.
Mechanical Dimensions
Anti-vibration system
Choice of PVC or PUR/PVC cable insulation
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
4 pole M12 connector to IEC61076-2-101
IP67 protection IEC 60529 (a3)
Head temperature range -40 90ºC, with good
resistance to oils
T
echnical Specification
Protection degree IEC 60529 (a3)
IP67
Head temperature range
ºC
-40 to 90
Cable temperature range ºC
PVC -25 to 90
PUR -25 to 80
Housing oil resistance
very good
Housing material
TPU (polyurethane)
Contact material
Gold over nickel plated CuZn
Locking nut material
Nickel plated Brass
Conductor size
4/0.34 mm
2
Electrical Specification
Voltage AC Max
V
250
Voltage DC Max
V
250
Current Max @40ºC
A
4
Voltage drop @1A x 1M
V
0.13
Standard Parts
Cable sheath
Wire insulation Wire cores
Body type
Length (m)
LC02FBS-PVC
PVC
PVC
4/0.34
Straight
2
LC05FBS-PVC
PVC
PVC
4/0.34
Straight
5
LC10FBS-PVC
PVC
PVC
4/0.34
Straight
10
LC02FBS-PUR
PUR
PVC
4/0.34
Straight
2
LC05FBS-PUR
PUR
PVC
4/0.34
Straight
5
LC10FBS-PUR
PUR
PVC
4/0.34
Straight
10
LC02FBR-PVC
PVC
PVC
4/0.34
Elbow
2
LC05FBR-PVC
PVC
PVC
4/0.34
Elbow
5
LC10FBR-PVC
PVC
PVC
4/0.34
Elbow
10
LC02FBR-PUR
PUR
PVC
4/0.34
Elbow
2
LC05FBR-PUR
PUR
PVC
4/0.34
Elbow
5
LC10FBR-PUR
PUR
PVC
4/0.34
Elbow
10
1
2
3
4
Pin 1 brown wire
Pin 2 white wire
Pin 3 blue wire
Pin 3 black wire


Similar Part No. - LC02FBS-PVC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC020C CREE-LC020C Datasheet
1Mb / 15P
Saga series
More results

Similar Description - LC02FBS-PVC

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MV-PD SHIELD-MV-PD Datasheet
72Kb / 1P
Control connection cables PUR
logo
Kemet Corporation
ESD-SR KEMET-ESD-SR Datasheet
666Kb / 6P
Snap-on Cores for Round Cables
logo
SICK AG
DSL-1204-G1M5 SICK-DSL-1204-G1M5 Datasheet
238Kb / 4P
Connection cables
DSL-1205-G0M15C SICK-DSL-1205-G0M15C Datasheet
287Kb / 4P
Connection cables
DSL-8204-G10M SICK-DSL-8204-G10M Datasheet
239Kb / 4P
Connection cables
DSL-8204-G20M SICK-DSL-8204-G20M Datasheet
239Kb / 4P
Connection cables
logo
Schneider Electric
HMIYCABM1211 SCHNEIDER-HMIYCABM1211 Datasheet
93Kb / 2P
Cable, Harmony iPC, Cables M12 for HMIPEP
May 9, 2022
logo
Omega Engineering, Inc.
DM12CAB OMEGA-DM12CAB Datasheet
172Kb / 1P
Dual M12 Cables for Sensors and Transmitters
M12CM-RTD OMEGA-M12CM-RTD Datasheet
291Kb / 1P
High Temperature M12 Extension Cables For Probes, Sensors and Transmitters
M12CM OMEGA-M12CM Datasheet
741Kb / 5P
M12 Cables with Compensated Connectors for Thermocouples
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com