Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL500 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL500
Description  500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL500 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL500 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL500 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL500/8
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
8.0
kV
Average Output Current
IF
Ta=55°C;Resistive Load
500
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz)
20
A
Junction Temperature
TJ
-55~+150
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-55~+150
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
15
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
0.5
uA
IR2
at 125°C;VR =VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
50
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
7.5
pF
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-721
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
6. Ultra-Fast Recovery.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Medical X-ray machine HV power supply.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 2.1 grams (approx).


Similar Part No. - 2CL500

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL500 GETEDZ-2CL500 Datasheet
516Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
Kwang Myoung I.S. CO.,L...
2CL500-30 KISEMICONDUCTOR-2CL500-30 Datasheet
133Kb / 2P
High Voltage Diodes for Special Using
logo
GETAI ELECTRONICS DEVIC...
2CL500-8 GETEDZ-2CL500-8_17 Datasheet
539Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
2CL500 GETEDZ-2CL500_17 Datasheet
516Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
More results

Similar Description - 2CL500

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RUSH EDI-RUSH Datasheet
42Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH -VOLTAGE RECTIFIER DIODES
RUST EDI-RUST Datasheet
41Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
ESJC50-08 GETEDZ-ESJC50-08_16 Datasheet
513Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
ESJC50-15 GETEDZ-ESJC50-15_16 Datasheet
511Kb / 2P
500mA 15kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
GH50-15J GETEDZ-GH50-15J Datasheet
510Kb / 2P
500mA 15kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
HV-T71 GETEDZ-HV-T71 Datasheet
621Kb / 2P
5.0mA 8.0kV 80nS--Fast Recovery High Voltage Diodes
HV-T71A GETEDZ-HV-T71A Datasheet
621Kb / 2P
5.0mA 8.0kV 80nS--Fast Recovery High Voltage Diodes
2CL500-8 GETEDZ-2CL500-8_17 Datasheet
539Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
ESJC50-08 GETEDZ-ESJC50-08_17 Datasheet
539Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
GT-FOB GETEDZ-GT-FOB_17 Datasheet
539Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com