Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  5-Bit Programmable, High Frequency Multi-phase PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM26 Datasheet HTML 1Page - National Semiconductor (TI) LM26 Datasheet HTML 2Page - National Semiconductor (TI) LM26 Datasheet HTML 3Page - National Semiconductor (TI) LM26 Datasheet HTML 4Page - National Semiconductor (TI) LM26 Datasheet HTML 5Page - National Semiconductor (TI) LM26 Datasheet HTML 6Page - National Semiconductor (TI) LM26 Datasheet HTML 7Page - National Semiconductor (TI) LM26 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics (Continued)
V
CC5V = 5V, VCC12V = 12V unless otherwise specified. Typicals and limits appearing in plain type apply for TA = TJ = +25˚C.
Limits appearing in boldface type apply over the entire operating temperature range.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OCC_CM
Over-current Comparator
Common Mode Range
312
V
IB_OC+
OC+ Input Bias Current
V
IN = 5V, OC+ = 5V, OC− =
4V
100
145
200
µA
IB_OC−
OC− Input Bias Current
V
IN = 5V, OC+ = 6V, OC− =
5V
85
125
165
µA
V
OS_OCC
Over-current Comparator Input
Offset Voltage
V
IN = 5V
2
16
42
mV
V
IN = 12V
21
D
MAX
Maximun Duty Cycle
FB = 0V
78
%
gm
Error Amplifier
Transconductance
1.36
mmho
V
ramp
Ramp Signal Peak-to-Peak
Amplitude
2V
I
comp
COMP Pin Source Current
250
400
550
µA
I
comp
COMP Pin Sink Current
160
280
400
µA
V
comp_hi
COMP Pin High Clamp
2.9
V
V
comp_lo
COMP Pin Low Clamp
0.19
V
V
POR
Power On Reset Trip Point
Vcc5V Pin Voltage Rising
4.0
V
Vcc5V Pin Voltage Falling
3.6
Vcc12V Minimum Working
Voltage
(Note 7)
3.8
V
t
SS
Soft Start Delay
F
OSC = 8MHz
1.6
ms
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating ratings do not imply guaranteed performance limits.
Note 2: Maximum allowable power dissipation is a function of the maximum junction temperature, TJMAX, the junction-to-ambient thermal resistance, θJA, and the
ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using: PMAX = (TJMAX −TA)/θJA. The
junction-to-ambient thermal resistance,
θJA, for LM2639 is 78˚C/W. For a TJMAX of 150˚C and TA of 25˚C, the maximum allowable power dissipation is 1.6W.
Note 3: The letter
N stands for the typical output voltages appearing in italic boldface type in Table 1.
Note 4: Max value of logic low means any voltage below this value is guaranteed to be taken as logic low whereas a voltage higher than this value is not guaranteed
to be taken as a logic low.
Note 5: Min value of logic high means any voltage above this value is guaranteed to be taken as logic high whereas a voltage lower than this value is not guaranteed
to be taken as a logic high.
Note 6: When driving bipolar FET drivers in the typical application circuit.
Note 7: When Vcc12V pin goes below this voltage, all DRV pins go to 0V.
Note 8: ESD ratings for pins DRV0, DRV1, DRV2 and DRV3 is 1kV. ESD rating for all other pins is 2kV.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com